Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75970B2DGG Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75970B2DGG
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75970B2DGG Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75970B2DGG Datasheet HTML 3Page - Texas Instruments SN75970B2DGG Datasheet HTML 4Page - Texas Instruments SN75970B2DGG Datasheet HTML 5Page - Texas Instruments SN75970B2DGG Datasheet HTML 6Page - Texas Instruments SN75970B2DGG Datasheet HTML 7Page - Texas Instruments SN75970B2DGG Datasheet HTML 8Page - Texas Instruments SN75970B2DGG Datasheet HTML 9Page - Texas Instruments SN75970B2DGG Datasheet HTML 10Page - Texas Instruments SN75970B2DGG Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
SN75970B
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS323A – NOVEMBER 1999 – REVISED JANUARY 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
A side
–6
–9
mA
DSENS, RESET,
RSTFLTR
VIL = 0.8 V
– 100
IIL
Low-level input current
CLK40, X1/CLK20
IL
±30
IIL
Low-level in ut current
TEST
±30
µA
TIMEOUT
TEST at 2 V, A side and other
control inputs at 0.8 V,
B side open,
VIL = 0.8 V
±25
IOS
Short circuit output current
B side
VO = 5 V and 0 V
±250
mA
Disabled
RESET at 0.8 V, All others open
32
42
ICC
Supply current
All A-side to B-side
channels enabled
TEST and RSTFLTR at 2 V
RESET at 0.8 V,
All other inputs open, No load
72
95
mA
All B-side to A-side
channels enabled
TEST and B+ pins at 2 V, RESET,
RSTFLTR, and B– pins at 0.8 V,
All other inputs open, No load
51
72
Co
Bus output capacitance
B side to GND,
VI = 0.6 sin(2π 106 t)+ 1.5 V
18
21
pF
C d
Power dissipation capacitance (see Note 3)
B side to A side, one channel
40
pF
Cpd
Power dissipation capacitance (see Note 3)
A side to B side, one channel
100
pF
† All typical values are at VCC = 5 V, TA = 25°C.
NOTE 3: Cpddeterminestheno-loaddynamiccurrentconsumption,IS = Cpd × VCC × f + ICC (ICC depends upon the output states and load circuits
and is not necessarily the same ICC as specified in the electrical tables).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com