Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75970B2DGG Datasheet(PDF) 15 Page - Texas Instruments

Part # SN75970B2DGG
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75970B2DGG Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN75970B2DGG Datasheet HTML 11Page - Texas Instruments SN75970B2DGG Datasheet HTML 12Page - Texas Instruments SN75970B2DGG Datasheet HTML 13Page - Texas Instruments SN75970B2DGG Datasheet HTML 14Page - Texas Instruments SN75970B2DGG Datasheet HTML 15Page - Texas Instruments SN75970B2DGG Datasheet HTML 16Page - Texas Instruments SN75970B2DGG Datasheet HTML 17Page - Texas Instruments SN75970B2DGG Datasheet HTML 18Page - Texas Instruments SN75970B2DGG Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
SN75970B
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS323A – NOVEMBER 1999 – REVISED JANUARY 2000
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
ten1
tdis1
RESET
TEST
DSENS
RSTFLTR
Output
1.5 V
Input
B–
15 pF
Input
Output
0 V
1.5 V
3 V
t0
t0
or
delay
delay
VOL
1.5 V
VOH
B+
A–
ten3
tdis3
ten2
tdis2
ten4
Reset
Bus Free
Arbitration
to Select 1
CLK40
(See Note A)
BRST –
BBSY –
BSEL –
ARST –
ABSY –
ASEL –
NOTE A: These are asynchronous events and do not necessarily align with clock edges.
Figure 7. B-Side to A-Side Enable and Disable Delay Time Test Circuit and Timing Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com