Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75970B2DGG Datasheet(PDF) 20 Page - Texas Instruments

Part # SN75970B2DGG
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75970B2DGG Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN75970B2DGG Datasheet HTML 15Page - Texas Instruments SN75970B2DGG Datasheet HTML 16Page - Texas Instruments SN75970B2DGG Datasheet HTML 17Page - Texas Instruments SN75970B2DGG Datasheet HTML 18Page - Texas Instruments SN75970B2DGG Datasheet HTML 19Page - Texas Instruments SN75970B2DGG Datasheet HTML 20Page - Texas Instruments SN75970B2DGG Datasheet HTML 21Page - Texas Instruments SN75970B2DGG Datasheet HTML 22Page - Texas Instruments SN75970B2DGG Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
SN75970B
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS323A – NOVEMBER 1999 – REVISED JANUARY 2000
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The SCSI bus signal RST does not directly clear SDCC internal logic. Instead, the RSTFLTR terminal can be
connected as ARST – so that a bus reset clears SDCC. RSTFLTR clears the internal controller but does not clear
the RST bidirectional latch. By connecting these terminal externally through a RC filter as shown in Figure 8,
noise pulses on the bus may be filtered as recommended by the SCSI-2 specification.
SN75970B
3
DSENS
6
±BSY
±SEL
±RST
8
±I/O
±MSG
±C/D
±REQ
4
±ATN
±ACK
7
4
Test
CLK40
(see Note A)
SCSI Controller
– BSY
– SEL
– I/O
– MSG
– C/D
– REQ
–ATN
– ACK
8
– RST
1
2
RESET
(From System)
VCC
TIMEOUT
55
0.022
µF
205 k
Ω
RSTFLTR
RESET
X1/CLK20
X2
DRVBUS
SDB
SN75971B
16
2
8
– DB(7 – 0)
– DBP(0)
RESET
±DB(7–0)
±DBP(0)
DIFFSENS
SN75971B
16
2
8
– DB(15 – 8)
– DBP(1)
RESET
±DB(15–8)
±DBP(1)
DIFFSENS
20 k
Ω
1000 pF
BBSY
±
BSEL
±
RST
±
DIFFSENS
BI/O
±
B MSG
±
BC/D
±
BREQ
±
BATN
±
BACK
±
A BSY–
ASEL–
AI/O–
AMSG–
AC/D–
AREQ–
AATN–
AACK–
ARST –
20 MHz
(see Note A)
Optional
(see Note B)
DRVBUS
SDB
NOTES: A. When using the 40 MHz clock input, X1 must be connected to VCC.
B. The oscillator cell of the SN75970B is for a series-resonant crystal and needs approximately 10 pF (including fixture capacitance)
from X1 and X2 to ground in order to function.
Figure 10. Typical Application of the SN75970B and SN75971B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com