Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75970B2DGG Datasheet(PDF) 8 Page - Texas Instruments

Part # SN75970B2DGG
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75970B2DGG Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75970B2DGG Datasheet HTML 4Page - Texas Instruments SN75970B2DGG Datasheet HTML 5Page - Texas Instruments SN75970B2DGG Datasheet HTML 6Page - Texas Instruments SN75970B2DGG Datasheet HTML 7Page - Texas Instruments SN75970B2DGG Datasheet HTML 8Page - Texas Instruments SN75970B2DGG Datasheet HTML 9Page - Texas Instruments SN75970B2DGG Datasheet HTML 10Page - Texas Instruments SN75970B2DGG Datasheet HTML 11Page - Texas Instruments SN75970B2DGG Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SN75970B
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS323A – NOVEMBER 1999 – REVISED JANUARY 2000
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
AATN –
AC/D –
BATN
±
BC/D
±
See Figure 3
35
17 7
’B1
AI/O –
AMSG –
BI/O
±
BMSG
±
See Figure 3
3.5
17.7
B1
AACK
BACK
±
3.1
15.3
AACK –
AREQ –
BACK
±
BREQ
±
VCC = 5 V, TA = 25°C
4.2
12.2
td1 td2
Delay time, A to B, high- to
low level or low to high lev
AREQ –
BREQ
±
VCC = 5 V, TA = 70°C
4.7
12.7
ns
td1, td2
low-level or low- to high-lev-
el output
AATN –
AC/D –
BATN
±
BC/D
±
See Figure 3
55
15 7
ns
’B2
AI/O –
AMSG –
BI/O
±
BMSG
±
See Figure 3
5.5
15.7
B2
AACK
BACK
±
4.5
13.3
AACK –
AREQ –
BACK
±
BREQ
±
VCC = 5 V, TA = 25°C
6.2
10.2
AREQ –
BREQ
±
VCC = 5 V, TA = 70°C
6.7
10.7
t k( )
Skew part to part
’B1
AACK –
AREQ –
BACK
±
BREQ
±
See Note 4
8
ns
tsk(pp)
Skew, part-to-part
’B2
AACK –
AREQ –
BACK
±
BREQ
±
See Note 4
4
ns
t k( )
Pulse skew
’B1
AACK –
AREQ –
BACK
±
BREQ
±
See Note 5
8
ns
tsk(p)
Pulse skew
’B2
AACK –
AREQ –
BACK
±
BREQ
±
See Note 5
4
ns
’B1
BATN
±
BC/D
±
BI/O
±
BMSG
±
AATN –
AC/D –
AI/O –
AMSG –
See Figure 4
5.1
17.9
B1
BACK
±
AACK
5.3
18
BACK
±
BREQ
±
AACK –
AREQ –
VCC = 5 V, TA = 25°C
6.3
15.2
td3 td4
Delay time, B to A, high- to
low level or low to high lev
BREQ
±
AREQ –
VCC = 5 V, TA = 70°C
6.7
15.6
ns
td3, td4
low-level or low- to high-lev-
el output
’B2
BATN
±
BC/D
±
BI/O
±
BMSG
±
AATN –
AC/D –
AI/O –
AMSG –
See Figure 4
7.3
14.6
ns
B2
BACK
±
AACK
7.5
14.2
BACK
±
BREQ
±
AACK –
AREQ –
VCC = 5 V, TA = 25°C
8.5
13
BREQ
±
AREQ –
VCC = 5 V, TA = 70°C
8.9
13.4
t k( )
Skew part to part
’B1
BACK
±
BREQ
±
AACK –
AREQ –
See Note 4
9
ns
tsk(pp)
Skew part-to-part
’B2
BACK
±
BREQ
±
AACK –
AREQ –
See Note 4
4.5
ns
t k( )
Pulse skew
’B1
BACK
±
BREQ
±
AACK –
AREQ –
See Note 5
8
ns
tsk(p)
Pulse skew
’B2
BACK
±
BREQ
±
AACK –
AREQ –
See Note 5
4
ns
† All typical values are at VCC = 5 V, TA = 25°C.
NOTES:
4. Part-to-part skew is the magnitude of the difference in propagation delay times between any two devices when both operate with
the same supply voltages, the same temperature, and the same loads.
5. Pulse skew is the difference between the high-to-low and low-to-high propagation delay times of any single channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com