Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75970B2DGG Datasheet(PDF) 16 Page - Texas Instruments

Part # SN75970B2DGG
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75970B2DGG Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN75970B2DGG Datasheet HTML 12Page - Texas Instruments SN75970B2DGG Datasheet HTML 13Page - Texas Instruments SN75970B2DGG Datasheet HTML 14Page - Texas Instruments SN75970B2DGG Datasheet HTML 15Page - Texas Instruments SN75970B2DGG Datasheet HTML 16Page - Texas Instruments SN75970B2DGG Datasheet HTML 17Page - Texas Instruments SN75970B2DGG Datasheet HTML 18Page - Texas Instruments SN75970B2DGG Datasheet HTML 19Page - Texas Instruments SN75970B2DGG Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
SN75970B
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS323A – NOVEMBER 1999 – REVISED JANUARY 2000
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
To correctly set the direction of the SCSI bus signals, the SN75970B must follow the activity on the bus. An
asynchronous, 5-state controller watches the state of all the bus control signals, sets the direction of each
control signal as needed, and generates the DRVBUS and SDB outputs to control one or two external
SN75971B SCSI differential converter-data devices. The controller never generates the data driven on a bus
signal; it only enables the drivers. The clock input implements a 400-ns timer that is not part of the controller
itself. Controller-state transitions occur immediately when all the transition conditions are met. Note that the
frequency of the supplied clock, either 20 MHz or 40 MHz, must be correct in order to meet the SCSI
specifications.
As shown in Figure 8, after reset, the controller begins in the bus free state. In case the controller was attached
to an active differential bus, it waits for the SCSI bus free condition, defined as when BBSY and BSEL are
deasserted for 400 ns. While waiting for the SCSI bus free condition, the state of BBSY and BSEL passes
through to the A side. The A side bus device cannot take part in bus activity during this condition before the SCSI
bus free condition. Once SCSI bus free is detected, the SCSI arbitration state is entered. Both ABSY and BBSY
are enabled; thus when either signal asserts, both drivers turn on and both signals remain asserted until this
state is left. Normally the SCSI arbitration state ends after the winner of arbitration asserts BSEL. This would
cause the controller to go to the select 1 state. However, when BSEL is not asserted, a timeout would eventually
be detected and cause a reset of the controller. In the select 1 state two latches are open, DSEL_LATCH and
RESEL_LATCH. The first latch captures the state of BSEL so that following states can determine whether the
arbitration winner was on the A side or B side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com