Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6546-I/MS Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6546-I/MS
Description  Open-Drain Output Sub-Microamp Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6546-I/MS Datasheet(HTML) 3 Page - Microchip Technology

  MCP6546-I/MS Datasheet HTML 1Page - Microchip Technology MCP6546-I/MS Datasheet HTML 2Page - Microchip Technology MCP6546-I/MS Datasheet HTML 3Page - Microchip Technology MCP6546-I/MS Datasheet HTML 4Page - Microchip Technology MCP6546-I/MS Datasheet HTML 5Page - Microchip Technology MCP6546-I/MS Datasheet HTML 6Page - Microchip Technology MCP6546-I/MS Datasheet HTML 7Page - Microchip Technology MCP6546-I/MS Datasheet HTML 8Page - Microchip Technology MCP6546-I/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
© 2002-2012 Microchip Technology Inc.
DS21714G-page 3
MCP6546/6R/6U/7/8/9
Common Mode Input Impedance
ZCM
—1013||4
—
Ω||pF
Differential Input Impedance
ZDIFF
—1013||2
—
Ω||pF
Open-Drain Output
Output Pull-Up Voltage
VPU
1.6
—
10
V
(Note 4)
High-Level Output Current
IOH
-100
—
—
nA
VDD = 1.6V to 5.5V, VPU = 10V
(Note 4)
Low-Level Output Voltage
VOL
VSS
—VSS + 0.2
V
IOUT = 2 mA, VPU = VDD = 5V
Short-Circuit Current
ISC
—±1.5
—
mA
VPU = VDD = 1.6V (Note 4)
ISC
–30
—
mA
VPU = VDD = 5.5V (Note 4)
Output Pin Capacitance
COUT
—8
—
pF
AC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = 25°C, VIN+ = VDD/2,
Step = 200 mV, Overdrive = 100 mV, RPU =2.74kΩ to VPU = VDD, and CL = 36 pF
(Refer to Figure 1-2 and Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Fall Time
tF
—0.7
—
µs
(Note 1)
Propagation Delay (High-to-Low)
tPHL
—4.0
8.0
µs
Propagation Delay (Low-to-High)
tPLH
—3.0
8.0
µs
(Note 1)
Propagation Delay Skew
tPDS
—-1.0
—
µs
(Notes 1 and 2)
Maximum Toggle Frequency
fMAX
—
225
—
kHz
VDD = 1.6V
fMAX
—
165
—
kHz
VDD = 5.5V
Input Noise Voltage
Eni
—
200
—
µVP-P 10 Hz to 100 kHz
Note 1:
tR and tPLH depend on the load (RL and CL); these specifications are valid for the indicated load only.
2:
Propagation Delay Skew is defined as: tPDS = tPLH - tPHL.
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = 25°C, VIN+ = VDD/2,
VIN– = VSS, RPU =2.74 kΩ to VPU = VDD (Refer to Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The input offset voltage is the center of the input-referred trip points. The input hysteresis is the difference
between the input-referred trip points.
2:
VHYST at differential temperatures is estimated using:
VHYST (TA) = VHYST + (TA -25°C) TC1 + (TA - 25°C)
2TC
2.
3:
Input bias current at temperature is not tested for the SC-70-5 package.
4:
Do not short the output above VSS + 10V. Limit the output current to Absolute Maximum Rating of 30 mA.
The minimum VPU test limit was VDD before Dec. 2004 (week code 52).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com