Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6546-I/MS Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6546-I/MS
Description  Open-Drain Output Sub-Microamp Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6546-I/MS Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6546-I/MS Datasheet HTML 2Page - Microchip Technology MCP6546-I/MS Datasheet HTML 3Page - Microchip Technology MCP6546-I/MS Datasheet HTML 4Page - Microchip Technology MCP6546-I/MS Datasheet HTML 5Page - Microchip Technology MCP6546-I/MS Datasheet HTML 6Page - Microchip Technology MCP6546-I/MS Datasheet HTML 7Page - Microchip Technology MCP6546-I/MS Datasheet HTML 8Page - Microchip Technology MCP6546-I/MS Datasheet HTML 9Page - Microchip Technology MCP6546-I/MS Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
MCP6546/6R/6U/7/8/9
DS21714G-page 6
© 2002-2012 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RPU = 2.74 kΩ to VPU =VDD, and CL = 36 pF.
FIGURE 2-1:
Input Offset Voltage at
VCM =VSS.
FIGURE 2-2:
Input Offset Voltage Drift at
VCM =VSS.
FIGURE 2-3:
The MCP6546/6R/6U/7/8/9
Comparators Show No Phase Reversal.
FIGURE 2-4:
Input Hysteresis Voltage at
VCM =VSS.
FIGURE 2-5:
Input Hysteresis Voltage
Linear Temp. Co. (TC1) at VCM =VSS.
FIGURE 2-6:
Input Hysteresis Voltage
Quadratic Temp. Co. (TC2) at VCM =VSS.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
-7 -6 -5 -4 -3 -2 -1 01
234567
Input Offset Voltage (mV)
1200 Samples
V
CM = VSS
0%
2%
4%
6%
8%
10%
12%
14%
16%
Input Offset Voltage Drift (µV/°C)
1200 Samples
V
CM = VSS
T
A = -40°C to +125°C
-1
0
1
2
3
4
5
6
7
0123
45678
9
10
Time (1 ms/div)
V
OUT
VIN–
VDD = 5.5V
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
1.62.0 2.42.8 3.23.6 4.04.4 4.85.2 5.6 6.0
Input Hysteresis Voltage (mV)
1200 Samples
V
CM = VSS
0%
5%
10%
15%
20%
25%
Input Hysteresis Voltage –
Linear Temp. Co.; TC1 (µV/°C)
596 Samples
VCM = VSS
T
A = -40°C to +125°C
VDD = 1.6V
VDD = 5.5V
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
Input Hysteresis Voltage –
Quadratic Temp. Co.; TC
2 (µV/°C
2)
596 Samples
VCM = VSS
T
A = -40°C to +125°C
V
DD = 5.5V
VDD = 1.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com