Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6546-I/MS Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6546-I/MS
Description  Open-Drain Output Sub-Microamp Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6546-I/MS Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6546-I/MS Datasheet HTML 9Page - Microchip Technology MCP6546-I/MS Datasheet HTML 10Page - Microchip Technology MCP6546-I/MS Datasheet HTML 11Page - Microchip Technology MCP6546-I/MS Datasheet HTML 12Page - Microchip Technology MCP6546-I/MS Datasheet HTML 13Page - Microchip Technology MCP6546-I/MS Datasheet HTML 14Page - Microchip Technology MCP6546-I/MS Datasheet HTML 15Page - Microchip Technology MCP6546-I/MS Datasheet HTML 16Page - Microchip Technology MCP6546-I/MS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
© 2002-2012 Microchip Technology Inc.
DS21714G-page 13
MCP6546/6R/6U/7/8/9
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
3.1
Analog Inputs
The comparator non-inverting and inverting inputs are
high-impedance CMOS inputs with low bias currents.
3.2
CS Digital Input
This is a CMOS, Schmitt-triggered input that places the
part into a low power mode of operation.
3.3
Digital Outputs
The comparator outputs are CMOS, open-drain digital
outputs. They are designed to make level shifting and
wired-OR easy to implement.
3.4
Power Supply (VSS and VDD)
The positive power supply pin (VDD) is 1.6V to 5.5V
higher than the negative power supply pin (VSS). For
normal operation, the other pins are at voltages
between VSS and VDD, except the output pins which
can be as high as 10V above VSS.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need a local bypass capacitor (typically 0.01 µF to
0.1µF) within 2mm of the VDD pin. These can share a
bulk capacitor with nearby analog parts (within
100 mm), but it is not required.
TABLE 3-1:
PIN FUNCTION TABLE
Symbol
Description
PDIP,
SOIC,
MSOP
SC-70,
SOT-23
SOT-23-5
SC-70,
SOT-23-5
PDIP,
SOIC,
MSOP
PDIP,
SOIC,
MSOP
PDIP,
SOIC,
TSSOP
61
1
4
1
6
1
OUT,
OUTA
Digital Output (comparator A)
24
4
3
2
2
2
VIN–,
VINA–
Inverting Input
(comparator A)
33
3
1
3
3
3
VIN+,
VINA+
Non-inverting Input
(comparator A)
75
2
5
8
7
4
VDD
Positive Power Supply
——
—
—
5
—
5
VINB+
Non-inverting Input
(comparator B)
——
—
—
6
—
6
VINB–
Inverting Input (comparator B)
—
—
—
—
7
—
7
OUTB
Digital Output (comparator B)
—
—
—
—
—
—
8
OUTC
Digital Output (comparator C)
——
—
—
—
—
9
VINC–
Inverting Input (comparator C)
——
—
—
—
—
10
VINC+
Non-inverting Input
(comparator C)
42
5
2
4
4
11
VSS
Negative Power Supply
——
—
—
—
—
12
VIND+
Non-inverting Input
(comparator D)
——
—
—
—
—
13
VIND–
Inverting Input (comparator D)
—
—
—
—
—
—
14
OUTD
Digital Output (comparator D)
——
—
—
—
8
—
CS
Chip Select
1, 5, 8
—
—
—
—
1, 5
—
NC
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com