Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6546-I/MS Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6546-I/MS
Description  Open-Drain Output Sub-Microamp Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6546-I/MS Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6546-I/MS Datasheet HTML 13Page - Microchip Technology MCP6546-I/MS Datasheet HTML 14Page - Microchip Technology MCP6546-I/MS Datasheet HTML 15Page - Microchip Technology MCP6546-I/MS Datasheet HTML 16Page - Microchip Technology MCP6546-I/MS Datasheet HTML 17Page - Microchip Technology MCP6546-I/MS Datasheet HTML 18Page - Microchip Technology MCP6546-I/MS Datasheet HTML 19Page - Microchip Technology MCP6546-I/MS Datasheet HTML 20Page - Microchip Technology MCP6546-I/MS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
© 2002-2012 Microchip Technology Inc.
DS21714G-page 17
MCP6546/6R/6U/7/8/9
EQUATION 4-1:
Using this simplified circuit, the trip voltage can be
calculated using the following equation:
EQUATION 4-2:
Figures 2-21 and 2-24 can be used to determine typi-
cal values for VOL. This voltage is dependent on the
output current IOL as shown in Figure 4-4. This current
can be determined using the equation below:
EQUATION 4-3:
VOH can be calculated using the equation below:
EQUATION 4-4:
As explained in Section 4.1 “Comparator Inputs”, it
is important to keep the non-inverting input below
VDD+0.3V when VPU > VDD.
4.5
Supply Bypass
With this family of comparators, the power supply pin
(VDD for single supply) should have a local bypass
capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm for good
edge-rate performance.
4.6
Capacitive Loads
Reasonable capacitive loads (e.g., logic gates) have
little impact on propagation delay (see Figure 2-27).
The supply current increases with increasing toggle
frequency
(Figure 2-30),
especially
with
higher
capacitive loads.
4.7
Battery Life
In
order
to
maximize
battery
life
in
portable
applications, use large resistors and small capacitive
loads. Avoid toggling the output more than necessary.
Do not use Chip Select (CS) too frequently, in order to
conserve power. Capacitive loads will draw additional
power at start-up.
4.8
PCB Surface Leakage
In applications where low input bias current is critical,
PCB (Printed Circuit Board) surface leakage effects
need to be considered. Surface leakage is caused by
humidity, dust or other contamination on the board.
Under low-humidity conditions, a typical resistance
between nearby traces is 1012
Ω. A 5V difference
would cause 5 pA of current to flow. This is greater
than the MCP6546/6R/6U/7/8/9 family’s bias current at
25°C (1 pA, typical).
The easiest way to reduce surface leakage is to use a
guard ring around sensitive pins (or traces). The guard
ring is biased at the same voltage as the sensitive pin.
An example of this type of layout is shown in
Figure 4-7.
FIGURE 4-7:
Example Guard Ring Layout
for Inverting Circuit.
1.
For the Inverting Configuration (Figures 4-4 and
4-7):
a)
Connect the guard ring to the non-inverting
input pin (VIN+). This biases the guard ring
to the same reference voltage as the
comparator (e.g., VDD/2 or ground).
b)
Connect the inverting pin (VIN–) to the input
pad, without touching the guard ring.
R
23
R
2R3
R
2
R
3
+
-------------------
=
V
23
R
3
R
2
R
3
+
-------------------
V
DD
×
=
V
THL
V
PU
R
23
R
23
R
F
R
PU
++
----------------------------------------
⎝⎠
⎜⎟
⎛⎞
V
23
R
F
R
PU
+
R
23
R
F
R
PU
++
---------------------------------------
⎝⎠
⎛⎞
+
=
V
TLH
V
OL
R
23
R
23
R
F
+
-----------------------
⎝⎠
⎜⎟
⎛⎞
V
23
R
F
R
23
R
F
+
----------------------
⎝⎠
⎛⎞
+
=
VTLH = trip voltage from low to high
VTHL = trip voltage from high to low
I
OL
I
PU
I
RF
+
=
I
OL
V
PU
V
OL
–
R
PU
--------------------------
⎝⎠
⎛⎞
V
23
V
OL
–
R
23
R
F
+
------------------------
⎝⎠
⎛⎞
+
=
V
OH
V
PU
V
23
–
()
R
23
R
F
+
R
23
R
F
R
PU
++
---------------------------------------
⎝⎠
⎛⎞
×
=
Guard Ring
V
SS
VIN-VIN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com