Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6546-I/MS Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6546-I/MS
Description  Open-Drain Output Sub-Microamp Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6546-I/MS Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6546-I/MS Datasheet HTML 3Page - Microchip Technology MCP6546-I/MS Datasheet HTML 4Page - Microchip Technology MCP6546-I/MS Datasheet HTML 5Page - Microchip Technology MCP6546-I/MS Datasheet HTML 6Page - Microchip Technology MCP6546-I/MS Datasheet HTML 7Page - Microchip Technology MCP6546-I/MS Datasheet HTML 8Page - Microchip Technology MCP6546-I/MS Datasheet HTML 9Page - Microchip Technology MCP6546-I/MS Datasheet HTML 10Page - Microchip Technology MCP6546-I/MS Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
© 2002-2012 Microchip Technology Inc.
DS21714G-page 7
MCP6546/6R/6U/7/8/9
Note: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA =+25°C, VIN+= VDD/2, VIN– = GND,
RPU =2.74kΩ to VPU =VDD, and CL =36pF.
FIGURE 2-7:
Input Offset Voltage vs.
Ambient Temperature at VCM =VSS.
FIGURE 2-8:
Input Offset Voltage vs.
Common Mode Input Voltage at VDD =1.6V.
FIGURE 2-9:
Input Offset Voltage vs.
Common Mode Input Voltage at VDD = 5.5V.
FIGURE 2-10:
Input Hysteresis Voltage vs.
Ambient Temperature at VCM =VSS.
FIGURE 2-11:
Input Hysteresis Voltage vs.
Common Mode Input Voltage at VDD =1.6V.
FIGURE 2-12:
Input Hysteresis Voltage vs.
Common Mode Input Voltage at VDD =5.5V.
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD = 1.6V
V
DD = 5.5V
V
CM = VSS
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Common Mode Input Voltage (V)
VDD = 1.6V
TA = +125°C
T
A = +85°C
TA = +25°C
T
A = -40°C
T
A = +125°C
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Common Mode Input Voltage (V)
VDD = 5.5V
T
A = +85°C
TA = +125°C
T
A = -40°C
T
A = +25°C
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD = 1.6V
V
DD = 5.5V
V
CM = VSS
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Common Mode Input Voltage (V)
T
A = +25°C
T
A = -40°C
T
A = +125°C
TA = +85°C
V
DD = 1.6V
T
A = +125°C
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Common Mode Input Voltage (V)
VDD = 5.5V
TA = +125°C
T
A = +85°C
T
A = +25°C
T
A = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com