Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6546-I/MS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6546-I/MS
Description  Open-Drain Output Sub-Microamp Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6546-I/MS Datasheet(HTML) 1 Page - Microchip Technology

  MCP6546-I/MS Datasheet HTML 1Page - Microchip Technology MCP6546-I/MS Datasheet HTML 2Page - Microchip Technology MCP6546-I/MS Datasheet HTML 3Page - Microchip Technology MCP6546-I/MS Datasheet HTML 4Page - Microchip Technology MCP6546-I/MS Datasheet HTML 5Page - Microchip Technology MCP6546-I/MS Datasheet HTML 6Page - Microchip Technology MCP6546-I/MS Datasheet HTML 7Page - Microchip Technology MCP6546-I/MS Datasheet HTML 8Page - Microchip Technology MCP6546-I/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
© 2002-2012 Microchip Technology Inc.
DS21714G-page 1
MCP6546/6R/6U/7/8/9
Features
• Low Quiescent Current: 600 nA/Comparator (typical)
• Rail-to-Rail Input: VSS - 0.3V to VDD + 0.3V
• Open-Drain Output: VOUT ≤ 10V
•
PropagationDelay:4 µs (typical,100 mV
Overdrive)
• Wide Supply Voltage Range: 1.6V to 5.5V
• Single Available in SOT-23-5, SC-70-5* Packages
• Available in Single, Dual and Quad
• Chip Select (CS) with MCP6548
• Low Switching Current
• Internal Hysteresis: 3.3 mV (typical)
• Temperature Range:
- Industrial: -40°C to +85°C
- Extended: -40°C to +125°C
Typical Applications
• Laptop Computers
• Mobile Phones
• Metering Systems
• Hand-held Electronics
• RC Timers
• Alarm and Monitoring Circuits
• Windowed Comparators
• Multi-vibrators
Related Devices
• CMOS/TTL-Compatible Output: MCP6541/2/3/4
Description
The Microchip Technology Inc. MCP6546/6R/6U/7/8/9
family of comparators, is offered in single (MCP6546,
MCP6546R, MCP6546U), single with chip select (CS)
(MCP6548), dual (MCP6547) and quad (MCP6549)
configurations. The outputs are open-drain and are
capable of driving heavy DC or capacitive loads.
These comparators are optimized for low power,
single-supply application with greater than rail-to-rail
input operation. The output limits supply current surges
and dynamic power consumption while switching. The
open-drain output of the MCP6546/6R/6U/7/8/9 family
can be used as a level-shifter for up to 10V using a pull-
up resistor. It can also be used as a wired-OR logic.
The internal Input hysteresis eliminates output switch-
ing due to internal noise voltage, reducing current draw.
These comparators operate with a single-supply
voltage as low as 1.6V and draw a quiescent current of
less than 1 µA/comparator.
The related MCP6541/2/3/4 family of comparators from
Microchip has a push-pull output that supports rail-to-
rail output swing and interfaces with CMOS/TTL logic.
* SC-70-5 E-Temp parts are not available at this
release of the data sheet.
MCP6546U SOT-23-5 is E-Temp only.
Package Types
VIN+
VIN–
MCP6546
VSS
VDD
OUT
1
2
3
4
8
7
6
5
-
+
NC
NC
NC
PDIP, SOIC, MSOP
4
1
2
3
5
SOT-23-5
VDD
OUT
VIN+
VSS
VIN–
MCP6546R
MCP6547
VINA+
VINA–
VSS
1
2
3
4
8
7
6
5
-
OUTA
+ -
+
VDD
OUTB
VINB–
VINB+
VIN+
VIN–
MCP6548
VSS
VDD
OUT
1
2
3
4
8
7
6
5
-
+
NC
CS
NC
PDIP, SOIC, MSOP
PDIP, SOIC, MSOP
MCP6549
VINA+
VINA–
VSS
1
2
3
4
14
13
12
11
-
OUTA
+ -
+
VDD
OUTD
VIND–
VIND+
10
9
8
5
6
7
OUTB
VINB–
VINB+
VINC+
VINC–
OUTC
+
-
-
+
PDIP, SOIC, TSSOP
4
1
2
3
5
SC-70-5, SOT23-5
VSS
OUT
VIN+
VDD
VIN–
MCP6546
4
1
2
3
5
SC-70-5, SOT-23-5
VSS
VIN+
VIN–
VDD
OUT
MCP6546U
Open-Drain Output Sub-Microamp Comparators


Similar Part No. - MCP6546-I/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6546-I/MS MICROCHIP-MCP6546-I/MS Datasheet
1Mb / 32P
Open-Drain Output Sub-Microamp Comparators
2006
More results

Similar Description - MCP6546-I/MS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3402 TI-TLV3402 Datasheet
257Kb / 14P
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
logo
Microchip Technology
MCP6549 MICROCHIP-MCP6549 Datasheet
625Kb / 28P
Open-Drain Output Sub-Microamp Comparators
2003
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
2006
MCP6546 MICROCHIP-MCP6546_06 Datasheet
1Mb / 32P
Open-Drain Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
Push-Pull Output Sub-Microamp Comparators
2011
logo
Texas Instruments
TLV3401 TI1-TLV3401_13 Datasheet
759Kb / 14P
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
Push-Pull Output Sub-Microamp Comparators
07/28/03
logo
3PEAK INC.
LMV331TP 3PEAK-LMV331TP Datasheet
1Mb / 12P
General Purpose, 1.8V, RRI, Open-Drain Output Comparators
TP1945 3PEAK-TP1945 Datasheet
655Kb / 20P
1.8V Micropower, RRIO, Open-Drain Output Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com