Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTY1 Datasheet(PDF) 32 Page - Texas Instruments

Part # CC1150-RTY1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150-RTY1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC1150-RTY1 Datasheet HTML 28Page - Texas Instruments CC1150-RTY1 Datasheet HTML 29Page - Texas Instruments CC1150-RTY1 Datasheet HTML 30Page - Texas Instruments CC1150-RTY1 Datasheet HTML 31Page - Texas Instruments CC1150-RTY1 Datasheet HTML 32Page - Texas Instruments CC1150-RTY1 Datasheet HTML 33Page - Texas Instruments CC1150-RTY1 Datasheet HTML 34Page - Texas Instruments CC1150-RTY1 Datasheet HTML 35Page - Texas Instruments CC1150-RTY1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
CC1150
SWRS037A
Page 32 of 60
CSn
goes low. The state machine will then go
to the IDLE state. The SO pin on the SPI
interface must be pulled low before the SPI
interface is ready to be used; as described in
Section 10.1 on page 19.
Crystal oscillator start-up time depends on
crystal ESR and load capacitances. The
electrical specification for the crystal oscillator
can be found in section 4.3 on page 8.
16.3
Voltage Regulator Control
The voltage regulator to the digital core is
controlled by the radio controller. When the
chip enters the SLEEP state, which is the state
with the lowest current consumption, the
voltage regulator is disabled. This occurs after
CSn
is released when a SPWD command
strobe has been sent on the SPI interface. The
chip is then in the SLEEP state. Setting CSn
low again will turn on the regulator and crystal
oscillator and make the chip enter the IDLE
state.
On the
CC1150, all register values (with the
exception of the MCSM0.PO_TIMEOUT field)
are lost in the SLEEP state. After the chip gets
back to the IDLE state, the registers will have
default
(reset)
contents
and
must
be
reprogrammed over the SPI interface.
16.4
Active Mode
The active transmit mode is activated by the
MCU by using the STX command strobe.
The frequency synthesizer must be calibrated
regularly.
CC1150 has one manual calibration
option (using the SCAL strobe), and three
automatic calibration options, controlled by the
MCSM0.FS_AUTOCAL
setting:
•
Calibrate when going from IDLE to TX
(or FSTXON)
•
Calibrate when going from TX to IDLE
•
Calibrate every fourth time when going
from TX to IDLE
The calibration takes a constant number of
XOSC cycles; see Table 20 for timing details.
When TX is active, the chip will remain in the
TX state until the current packet has been
successfully transmitted. Then the state will
change
as
indicated
by
the
MCSM1.TXOFF_MODE
setting. The possible
destinations are:
•
IDLE
•
FSTXON: Frequency synthesizer on
and ready at the TX frequency.
Activate TX with STX.
•
TX: Start sending preambles
The SIDLE command strobe can always be
used to force the radio controller to go to the
IDLE state. Note that if the radio goes from TX
to IDLE by issuing an SIDLE strobe, the
automatic calibration-when-going-from-TX-to-
IDLE will not be performed.
16.5
Timing
The radio controller controls most timing in
CC1150, such as synthesizer calibration and
PLL lock. Table 20 shows timing in crystal
clock cycles for key state transitions. Timing
from IDLE to TX is constant, dependent on the
auto calibration setting. The calibration time is
constant 18739 clock periods. Power on time
and XOSC start-up times are variable, but
within the limits stated in Table 6. Note that in
a frequency hopping spread spectrum or a
multi-channel protocol the calibration time can
be reduced from 721 µs to approximately 150
µs. This is explained in section 24.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com