Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTY1 Datasheet(PDF) 33 Page - Texas Instruments

Part # CC1150-RTY1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150-RTY1 Datasheet(HTML) 33 Page - Texas Instruments

Back Button CC1150-RTY1 Datasheet HTML 29Page - Texas Instruments CC1150-RTY1 Datasheet HTML 30Page - Texas Instruments CC1150-RTY1 Datasheet HTML 31Page - Texas Instruments CC1150-RTY1 Datasheet HTML 32Page - Texas Instruments CC1150-RTY1 Datasheet HTML 33Page - Texas Instruments CC1150-RTY1 Datasheet HTML 34Page - Texas Instruments CC1150-RTY1 Datasheet HTML 35Page - Texas Instruments CC1150-RTY1 Datasheet HTML 36Page - Texas Instruments CC1150-RTY1 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
CC1150
SWRS037A
Page 33 of 60
Description
XOSC
periods
26 MHz
crystal
Idle to TX/FSTXON, no calibration
2298
88.4 µs
Idle to TX/FSTXON, with calibration
~21037
809 µs
TX to IDLE, no calibration
2
0.1 µs
TX to IDLE, including calibration
~18739
721 µs
Manual calibration
~18739
721 µs
Table 20: State Transition Timing
17 Data FIFO
The
CC1150 contains a 64 byte FIFO for data to
be transmitted. The SPI interface is used for
writing to the TX FIFO. Section 10.5 contains
details on the SPI FIFO access. The FIFO
controller will detect underflow in the TX FIFO.
When writing to the TX FIFO, it is the
responsibility of the MCU to avoid TX FIFO
overflow. This will not be detected by the
CC1150. A TX FIFO overflow will result in an
error in the TX FIFO content.
FIFO_THR
Bytes in TX FIFO
0 (0000)
61
1 (0001)
57
2 (0010)
53
3 (0011)
49
4 (0100)
45
5 (0101)
41
6 (0110)
37
7 (0111)
33
8 (1000)
29
9 (1001)
25
10 (1010)
21
11 (1011)
17
12 (1100)
13
13 (1101)
9
14 (1110)
5
15 (1111)
1
Table 21: FIFO_THR Settings and the
corresponding FIFO Thresholds
The chip status byte that is available on the SO
pin while transferring the SPI address contains
the fill grade of the TX FIFO. Section 10.1 on
page 19 contains more details on this.
The number of bytes in the TX FIFO can also
be read from the TXBYTES.NUM_TXBYTES
status register.
The 4-bit FIFOTHR.FIFO_THR setting is used
to program the FIFO threshold point. Table 21
lists the 16 FIFO_THR settings and the
corresponding thresholds for the TX FIFO.
8 bytes
Underflow
margin
FIFO_THR=13
TXFIFO
Figure 19: Example of FIFO at Threshold
A flag will assert when the number of bytes in
the FIFO is equal to or higher than the
programmed threshold. The flag is used to
generate the FIFO status signals that can be
viewed on the GDO pins (see section 22 on
page 37).
Figure 19 shows the number of bytes in the TX
FIFO when the threshold flag toggles, in the
case of FIFO_THR=13. Figure 20 shows the
flag as the FIFO is filled above the threshold,
and then drained below.
6
7
8
9
6
7
8
9
10
NUM_TXBYTES
GDO
Figure 20: FIFO_THR=13 vs. Number of
Bytes in FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com