Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTY1 Datasheet(PDF) 39 Page - Texas Instruments

Part # CC1150-RTY1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150-RTY1 Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC1150-RTY1 Datasheet HTML 35Page - Texas Instruments CC1150-RTY1 Datasheet HTML 36Page - Texas Instruments CC1150-RTY1 Datasheet HTML 37Page - Texas Instruments CC1150-RTY1 Datasheet HTML 38Page - Texas Instruments CC1150-RTY1 Datasheet HTML 39Page - Texas Instruments CC1150-RTY1 Datasheet HTML 40Page - Texas Instruments CC1150-RTY1 Datasheet HTML 41Page - Texas Instruments CC1150-RTY1 Datasheet HTML 42Page - Texas Instruments CC1150-RTY1 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
CC1150
SWRS037A
Page 39 of 60
23 Asynchronous and Synchronous Serial Operation
Several features and modes of operation have
been included in the
CC1150 to provide
backward compatibility with previous Chipcon
products and other existing RF communication
systems. For new systems, it is recommended
to use the built-in packet handling features, as
they can give more robust communication,
significantly offload the microcontroller and
simplify software development.
23.1
Asynchronous Serial Operation
For backward compatibility with systems
already using the asynchronous data transfer
from other Chipcon products, asynchronous
transfer is also included in
CC1150.
When asynchronous transfer is enabled,
several of the support mechanisms for the
MCU that are included in
CC1150 will be
disabled, such as packet handling hardware,
buffering in the FIFO and so on. The
asynchronous transfer mode does not allow
the use of the data whitener, interleaver and
FEC, and it is not possible to use Manchester
encoding.
MSK
is
not
supported
for
asynchronous transfer.
Setting
PKTCTRL0.PKT_FORMAT
to
3
enables asynchronous transparent (serial)
mode. In TX, the GDO0 pin is used for data
input (TX data).
The MCU must control start and stop of
transmit with the STX and SIDLE strobes.
The
CC1150 modulator samples the level of the
asynchronous input 8 times faster than the
programmed data rate. The timing requirement
for the asynchronous stream is that the error in
the bit period must be less than one eighth of
the programmed data rate.
23.2
Synchronous Serial Operation
Setting
PKTCTRL0.PKT_FORMAT
to
1
enables synchronous serial operation mode. In
this operational mode the data must be NRZ
encoded (MDMCFG2.MANCHESTER_EN=0). In
synchronous serial operation mode, data is
transferred on a two wire serial interface. The
CC1150 provides a clock that is used to set up
new data on the data input line. Data input (TX
data) is the GDO0 pin. This pin will
automatically be configured as an input when
TX is active. The TX latency is 8 bits.
Preamble and sync word insertion may or may
not be active, dependent on the sync mode set
by the MDMCFG3.SYNC_MODE.
If preamble and sync word is disabled, all
other packet handler features and FEC should
also be disabled. The MCU must then handle
preamble and sync word insertion in software.
If preamble and sync word insertion is left on,
all packet handling features and FEC can be
used. When using the packet handling
features synchronous serial mode, the
CC1150
will insert the preamble and sync word and the
MCU will only provide the data payload. This is
equivalent
to
the
recommended
FIFO
operation mode.
24 System considerations and Guidelines
24.1
SRD Regulations
International regulations and national laws
regulate the use of radio receivers and
transmitters. Short Range Devices (SRDs) for
license free operation below 1 GHz are usually
operated in the 315 MHz, 433 MHz, 868 MHz
or 915 MHz frequency bands. The
CC1150 is
specifically designed for such use with its 300-
348 MHz, 400-464 MHz and 800-928 MHz
operating
ranges.
The
most
important
regulations when using the
CC1150 in the 315
MHz, 433 MHz, 868 MHz or 915 MHz
frequency bands are EN 300 220 (Europe)
and FCC CFR47 part 15 (USA). A summary of
the
most
important
aspects
of
these
regulations can be found in AN001 [10].
Please note that compliance with regulations is
dependent on complete system performance.
It
is
the
end
product
manufactor’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com