Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTY1 Datasheet(PDF) 25 Page - Texas Instruments

Part # CC1150-RTY1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150-RTY1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button CC1150-RTY1 Datasheet HTML 21Page - Texas Instruments CC1150-RTY1 Datasheet HTML 22Page - Texas Instruments CC1150-RTY1 Datasheet HTML 23Page - Texas Instruments CC1150-RTY1 Datasheet HTML 24Page - Texas Instruments CC1150-RTY1 Datasheet HTML 25Page - Texas Instruments CC1150-RTY1 Datasheet HTML 26Page - Texas Instruments CC1150-RTY1 Datasheet HTML 27Page - Texas Instruments CC1150-RTY1 Datasheet HTML 28Page - Texas Instruments CC1150-RTY1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
CC1150
SWRS037A
Page 25 of 60
13.2
Packet Format
The format of the data packet can be
configured and consists of the following items:
•
Preamble
•
Synchronization word
•
Optional length byte
•
Optional Address byte
•
Payload
•
Optional 2 byte CRC
Preamble bits
(1010...1010)
Data field
Optional CRC-16 calculation
Optionally FEC encoded/decoded
8 x n bits
16/32 bits
8
bits
8
bits
8 x n bits
16 bits
Optional data whitening
Legend:
Inserted automatically in TX,
processed and removed in RX.
Optional user-provided fields processed in TX,
processed but not removed in RX.
Unprocessed user data (apart from FEC
and/or whitening)
Figure 13: Packet Format
The preamble pattern is an alternating
sequence of ones and zeros (01010101…).
The number of preamble bytes is programmed
with the MDMCFG1.NUM_PREAMBLE value.
When enabling TX, the modulator will start
transmitting
the
preamble.
When
the
programmed number of preamble bytes has
been transmitted, the modulator will send the
sync word and then data from the TX FIFO if
data is available. If the TX FIFO is empty, the
modulator will continue to send preamble
bytes until the first byte is written to the TX
FIFO. The modulator will then send the sync
word and then the data bytes.
The synchronization word is a two-byte value
set in the SYNC1 and SYNC0 registers. The
sync word provides byte synchronization of the
incoming packet. A one-byte synch word can
be emulated by setting the SYNC1 value to the
preamble pattern. It is also possible to emulate
a
32
bit
sync
word
by
using
MDMCFG2.SYNC_MODE
set to 3 or 7. The sync
word will then be repeated twice.
CC1150 supports both fixed packet length
protocols and variable packet length protocols.
Variable or fixed packet length mode can be
used for packets up to 255 bytes. For longer
packets, infinite packet length mode must be
used.
Fixed packet length mode is selected by
setting PKTCTRL0.LENGTH_CONFIG=0. The
desired packet length is set by the PKTLEN
register. In variable packet length mode
PKTCTRL0.LENGTH_CONFIG=1,
the packet
length is configured by the first byte after the
sync word. The packet length is defined as the
payload data, excluding the length byte and
the optional automatic CRC.
With
PKTCTRL0.LENGTH_CONFIG=2
,
the
packet length is set to infinite and transmission
will continue until turned off manually. The
infinite mode can be turned off while a packet
is being transmitted. As described in the next
section, this can be used to support packet
formats with different length configuration than
natively supported by
CC1150. One should
make sure that TX mode is not turned off
during the transmission of the first half of any
byte. Refer to the
CC1150 Errata Notes [8] for
more details.
Note
that
the
minimum
packet
length
supported (excluding the optional length byte
and CRC) is one byte of payload data.
13.2.1
Arbitrary Length Field Configuration
The
packet
automation
control
register,
PKTCTRL0,
can be reprogrammed during TX.
This opens the possibility to transmit packets
that are longer than 256 bytes and still be able
to use the packet handling hardware support.
At the start of the packet, the infinite mode
(PKTCTRL0.LENGTH_CONFIG=2)
must
be
active. The PKTLEN
register is set to
mod(length,
256).
When less than 256
bytes remains of the packet, the MCU disables
infinite packet length and activates fixed length
packets. When the internal byte counter
reaches the PKTLEN value, the transmission
ends (the radio enters the state determined by
TXOFF_MODE)
. Automatic CRC appending
can
be
used
(by
setting
PKTCTRL0.CRC_EN=1
).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com