Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTY1 Datasheet(PDF) 52 Page - Texas Instruments

Part # CC1150-RTY1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150-RTY1 Datasheet(HTML) 52 Page - Texas Instruments

Back Button CC1150-RTY1 Datasheet HTML 48Page - Texas Instruments CC1150-RTY1 Datasheet HTML 49Page - Texas Instruments CC1150-RTY1 Datasheet HTML 50Page - Texas Instruments CC1150-RTY1 Datasheet HTML 51Page - Texas Instruments CC1150-RTY1 Datasheet HTML 52Page - Texas Instruments CC1150-RTY1 Datasheet HTML 53Page - Texas Instruments CC1150-RTY1 Datasheet HTML 54Page - Texas Instruments CC1150-RTY1 Datasheet HTML 55Page - Texas Instruments CC1150-RTY1 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
CC1150
SWRS037A
Page 52 of 60
0x18: MCSM0 – Main Radio Control State Machine configuration
Bit
Field Name
Reset
R/W
Description
7:6
R0
Not Used.
5:4
FS_AUTOCAL[1:0]
0)
R/W
Automatically calibrate when going to TX, or back to IDLE
Setting
When to perform automatic calibration
0 (00)
Never (manually calibrate using SCAL strobe)
1 (01)
When going from IDLE to TX (or FSTXON)
2 (10)
When going from TX back to IDLE
3 (11)
Every 4
th time when going from TX to IDLE
3:2
PO_TIMEOUT
1
R/W
Programs the number of times the six-bit ripple counter must expire
after XOSC has stabilized before CHP_RDY_N goes low.
The XOSC is off during power-down and if the regulated digital
supply voltage has sufficient time to stabilize while waiting for the
crystal to be stable, PO_TIMEOUT can be set to 0. For robust
operation it is recommended to use PO_TIMEOUT=2.
Setting
Expire count
Timeout after XOSC start
0 (00)
1
Approx. 2.3 µs – 2.7 µs
1 (01)
16
Approx. 37 µs – 43 µs
2 (10)
64
Approx. 146 µs – 171 µs
3 (11)
256
Approx. 585 µs – 683 µs
Exact timeout depends on crystal frequency.
In order to reduce start up time from the SLEEP state, this field is
preserved in powerdown (SLEEP state).
1:0
Reserved
R0
Defined on the transceiver version (
CC1101)
0x22: FREND0 – Front end TX configuration
Bit
Field Name
Reset
R/W
Description
7:6
R0
Not Used.
5:4
LODIV_BUF_
CURRENT_TX[1:0]
1
R/W
Adjusts current TX LO buffer (input to PA). The value to use in
register field is given by the SmartRF Studio [11] software.
3
R0
Not Used.
2:0
PA_POWER[2:0]
0
R/W
Selects PA power setting. This value is an index to the PATABLE,
which can be programmed with up to 8 different PA settings. In
ASK mode, this selects the PATABLE index to use when
transmitting a ‘1’. PATABLE index zero is used in ASK when
transmitting a ‘0’. The PATABLE settings from index ‘0’ to the
PA_POWER value are used for ASK TX shaping, and for power
ramp-up/ramp-down at the start/end of transmission in all TX
modulation formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com