Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTY1 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC1150-RTY1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150-RTY1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1150-RTY1 Datasheet HTML 4Page - Texas Instruments CC1150-RTY1 Datasheet HTML 5Page - Texas Instruments CC1150-RTY1 Datasheet HTML 6Page - Texas Instruments CC1150-RTY1 Datasheet HTML 7Page - Texas Instruments CC1150-RTY1 Datasheet HTML 8Page - Texas Instruments CC1150-RTY1 Datasheet HTML 9Page - Texas Instruments CC1150-RTY1 Datasheet HTML 10Page - Texas Instruments CC1150-RTY1 Datasheet HTML 11Page - Texas Instruments CC1150-RTY1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
CC1150
SWRS037A
Page 8 of 60
4.3
Crystal Oscillator
Tc = 25
°C, VDD = 3.0 V if nothing else is stated. All measurement results obtained using the CC1150EM reference
design ([1] and [2]).
Parameter
Min
Typ
Max
Unit
Condition/Note
Crystal frequency
26
26
27
MHz
Tolerance
±40
ppm
This is the total tolerance including a) initial tolerance, b) aging
and c) temperature dependence.
The acceptable crystal tolerance depends on RF frequency and
channel spacing / bandwidth
Load capacitance
10
13
20
pF
Simulated over operating conditions
ESR
100
Ω
Start-up time
150
µs
Measured on the CC1150EM reference design ([1] and [2]). This
parameter is to a large degree crystal dependent.
Table 6: Crystal Oscillator Parameters
4.4
Frequency Synthesizer Characteristics
Tc = 25
°C, VDD = 3.0 V if nothing else is stated. All measurement results obtained using the CC1150EM reference design
([1] and [2]).
Parameter
Min
Typ
Max
Unit
Condition/Note
Programmed
frequency resolution
397
FXOSC/
2
16
412
Hz
26 MHz-27 MHz crystals. The resolution (in Hz) is equal
for all frequency bands.
Synthesizer frequency
tolerance
±40
ppm
Given by crystal used. Required accuracy (including
temperature and aging) depends on frequency band and
channel bandwidth / spacing.
RF carrier phase noise
–82
dBc/Hz
@ 50 kHz offset from carrier, carrier at 868 MHz
RF carrier phase noise
–86
dBc/Hz
@ 100 kHz offset from carrier, carrier at 868 MHz
RF carrier phase noise
–90
dBc/Hz
@ 200 kHz offset from carrier, carrier at 868 MHz
RF carrier phase noise
–98
dBc/Hz
@ 500 kHz offset from carrier, carrier at 868 MHz
RF carrier phase noise
–106
dBc/Hz
@ 1 MHz offset from carrier, carrier at 868 MHz
RF carrier phase noise
–113
dBc/Hz
@ 2 MHz offset from carrier, carrier at 868 MHz
RF carrier phase noise
–119
dBc/Hz
@ 5 MHz offset from carrier, carrier at 868 MHz
RF carrier phase noise
–127
dBc/Hz
@ 10 MHz offset from carrier, carrier at 868 MHz
PLL turn-on / hop time
85.1
88.4
88.4
µs
Time from leaving the IDLE state until arriving in the
FSTXON or TX state, when not performing calibration.
Crystal oscillator running.
PLL calibration time
694
18739
721
721
XOSC
cycles
µs
Calibration can be initiated manually or automatically
before entering or after leaving TX.
Min/typ/max time is for 27/26/26 MHz crystal frequency.
Table 7: Frequency Synthesizer Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com