Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331MFC16 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC68331MFC16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC16 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC16 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
MC68331TS/D
21
PIV[7:0] —Periodic Interrupt Vector
The bits of this field contain the vector generated in response to an interrupt from the periodic timer.
When the SIM responds, the periodic interrupt vector is placed on the bus.
The PITR contains the count value for the periodic timer. A zero value turns off the periodic timer. This
register can be read or written at any time.
PTP —Periodic Timer Prescaler Control
0 = Periodic timer clock not prescaled
1 = Periodic timer clock prescaled by a value of 512
The reset state of PTP is the complement of the state of the MODCLK signal during reset.
PITM[7:0] —Periodic Interrupt Timing Modulus Field
This is an 8-bit timing modulus. The period of the timer can be calculated as follows:
PIT Period = [(PITM)(Prescaler)(4)]/EXTAL
where
PIT Period = Periodic interrupt timer period
PITM = Periodic interrupt timer register modulus (PITR[7:0])
EXTAL Frequency = Crystal frequency
Prescale = 512 or 1 depending on the state of the PTP bit in the PITR
3.3 System Clock
The system clock in the SIM provides timing signals for the IMB modules and for an external peripheral
bus. Because MCU operation is fully static, register and memory contents are not affected when the
clock rate changes. System hardware and software support changes in the clock rate during operation.
The system clock signal can be generated in three ways. An internal phase-locked loop can synthesize
the clock from an internal or external frequency source, or the clock signal can be input from an external
source.
Following is a block diagram of the clock submodule.
PIRQL
Interrupt Request Level
000
Periodic Interrupt Disabled
001
Interrupt Request Level 1
010
Interrupt Request Level 2
011
Interrupt Request Level 3
100
Interrupt Request Level 4
101
Interrupt Request Level 5
110
Interrupt Request Level 6
111
Interrupt Request Level 7
PITR —Periodic Interrupt Timer Register
$YFFA24
15
14
13
12
11
10
9
8
7
0
0
0
0
0
0
0
0
PTP
PITM
RESET:
0
0
0
0
0
0
0
MODCLK
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com