Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331MFC16 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MC68331MFC16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC16 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC16 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
38
MC68331TS/D
3.7.3 Reset Timing
The RESET input must be asserted for a specified minimum period in order for reset to occur. External
RESET assertion can be delayed internally for a period equal to the longest bus cycle time (or the bus
monitor time-out period) in order to protect write cycles from being aborted by reset. While RESET is
asserted, SIM pins are either in a disabled high-impedance state or are driven to their inactive states.
When an external device asserts RESET for the proper period, reset control logic clocks the signal into
an internal latch. The control logic drives the RESET pin low for an additional 512 CLKOUT cycles after
it detects that the RESET signal is no longer being externally driven, to guarantee this length of reset
to the entire system.
If an internal source asserts a reset signal, the reset control logic asserts RESET for a minimum of 512
cycles. If the reset signal is still asserted at the end of 512 cycles, the control logic continues to assert
RESET until the internal reset signal is negated.
After 512 cycles have elapsed, the reset input pin goes to an inactive, high-impedance state for 10 cy-
cles. At the end of this 10-cycle period, the reset input is tested. When the input is at logic level one,
reset exception processing begins. If, however, the reset input is at logic level zero, the reset control
logic drives the pin low for another 512 cycles. At the end of this period, the pin again goes to high-
impedance state for 10 cycles, then it is tested again. The process repeats until RESET is released.
3.7.4 Power-On Reset
When the SIM clock synthesizer is used to generate the system clock, power-on reset involves special
circumstances related to application of system and clock synthesizer power. Regardless of clock
source, voltage must be applied to clock synthesizer power input pin VDDSYN in order for the MCU to
operate. The following discussion assumes that VDDSYN is applied before and during reset. This mini-
mizes crystal start-up time. When VDDSYN is applied at power-on, start-up time is affected by specific
crystal parameters and by oscillator circuit design. VDD ramp-up time also affects pin state during reset.
During power-on reset, an internal circuit in the SIM drives the internal (IMB) and external reset lines.
The circuit releases the internal reset line as VDD ramps up to the minimum specified value, and SIM
pins are initialized. When VDD reaches the specified minimum value, the clock synthesizer VCO begins
operation. Clock frequency ramps up to the specified limp mode frequency. The external RESET line
remains asserted until the clock synthesizer PLL locks and 512 CLKOUT cycles elapse.
Table 19 Module Pin Functions
Module
Pin Mnemonic
Function
CPU32
DSI/IFETCH
DSI/IFETCH
DSO/IPIPE
DSO/IPIPE
BKPT/DSCLK
BKPT/DSCLK
GPT
PGP7/IC4/OC5
Discrete Input
PGP[6:3]/OC[4:1]
Discrete Input
PGP[2:0]/IC[3:1]
Discrete Input
PAI
Discrete Input
PCLK
Discrete Input
PWMA, PWMB
Discrete Output
QSM
PQS7/TXD
Discrete Input
PQS[6:4]/PCS[3:1]
Discrete Input
PQS3/PCS0/SS
Discrete Input
PQS2/SCK
Discrete Input
PQS1/MOSI
Discrete Input
PQS0/MISO
Discrete Input
RXD
RXD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com