Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331MFC16 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC68331MFC16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC16 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC68331MFC16 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
2
MC68331TS/D
Table 1 Ordering Information
Package Type
Temperature
Frequency
(MHz)
Package Order
Quantity
Order Number
132-Pin PQFP
–40 to +85
°C
16 MHz
2 pc tray
SPAKMC331CFC16
36 pc tray
MC68331CFC16
20 MHz
2 pc tray
SPAKMC331CFC20
36 pc tray
MC68331CFC20
–40 to +105
°C
16 MHz
2 pc tray
SPAKMC331VFC16
36 pc tray
MC68331VFC16
20 MHz
2 pc tray
SPAKMC331VFC20
36 pc tray
MC68331VFC20
–40 to +125
°C
16 MHz
2 pc tray
SPAKMC331MFC16
36 pc tray
MC68331MFC16
20 MHz
2 pc tray
SPAKMC331MFC20
36 pc tray
MC68331MFC20
144-Pin QFP
–40 to +85
°C
16 MHz
2 pc tray
SPAKMC331CFV16
44 pc tray
MC68331CFV16
20 MHz
2 pc tray
SPAKMC331CFV20
44 pc tray
MC68331CFV20
–40 to +105
°C
16 MHz
2 pc tray
SPAKMC331VFV16
44 pc tray
MC68331VFV16
20 MHz
2 pc tray
SPAKMC331VFV20
44 pc tray
MC68331VFV20
–40 to +125
°C
16 MHz
2 pc tray
SPAKMC331MFV16
44 pc tray
MC68331MFV16
20 MHz
2 pc tray
SPAKMC331MFV20
44 pc tray
MC68331MFV20
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com