Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331MFC16 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MC68331MFC16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC16 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC16 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 59Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
56
MC68331TS/D
DDRQS determines whether pins are inputs or outputs. Clearing a bit makes the corresponding pin an
input; setting a bit makes the pin an output. DDRQS affects both QSPI function and I/O function.
NOTES:
1. PQS2 is a digital I/O pin unless the SPI is enabled (SPE in SPCR1 set), in which case it becomes SPI serial
clock SCK.
2. PQS7 is a digital I/O pin unless the SCI transmitter is enabled (TE in SCCR1 = 1), in which case it becomes
SCI serial output TXD.
DDRQS determines the direction of the TXD pin only when the SCI transmitter is disabled. When the
SCI transmitter is enabled, the TXD pin is an output.
5.4 QSPI Submodule
The QSPI submodule communicates with external devices through a synchronous serial bus. The QSPI
is fully compatible with the serial peripheral interface (SPI) systems found on other Motorola products.
A block diagram of the QSPI is shown below.
Table 24 Effect of DDRQS on QSM Pin Function
QSM Pin
Mode
DDRQS
Bit
Bit
State
Pin Function
MISO
Master
DDQ0
0
Serial Data Input to QSPI
1
Disables Data Input
Slave
0
Disables Data Output
1
Serial Data Output from QSPI
MOSI
Master
DDQ1
0
Disables Data Output
1
Serial Data Output from QSPI
Slave
0
Serial Data Input to QSPI
1
Disables Data Input
SCK1
Master
DDQ2
0
Disables Clock Output
1
Clock Output from QSPI
Slave
0
Clock Input to QSPI
1
Disables Clock Input
PCS0/SS
Master
DDQ3
0
Assertion Causes Mode Fault
1
Chip-Select Output
Slave
0
QSPI Slave Select Input
1
Disables Select Input
PCS[3:1]
Master
DDQ[4:6
]
0
Disables Chip-Select Output
1
Chip-Select Output
Slave
0
Inactive
1
Inactive
TXD2
Transmit
DDQ7
X
Serial Data Output from SCI
RXD
Receive
None
NA
Serial Data Input to SCI
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com