Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331MFC16 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MC68331MFC16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC16 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC16 Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 84Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
80
MC68331TS/D
FOC[5:1] — Force Output Compare
0 = Has no meaning
1 = Causes pin action programmed for corresponding OC pin, but the OC flag is not set.
FOC[5:1] correspond to OC[5:1].
FPWMA — Force PWMA Value
0 = Normal PWMA operation
1 = The value of F1A is driven out on the PWMA pin, regardless of the state of PPROUT.
FPWMB — Force PWMB Value
0 = Normal PWMB operation
1 = The value of F1B is driven out on the PWMB pin.
PPROUT — PWM Clock Output Enable
0 = Normal PWM operation on PWMA
1 = TCNT clock driven out PWMA pin
PPR[2:0] — PWM Prescaler/PCLK Select
This field selects one of seven prescaler taps, or PCLK, to be PWMCNT input.
SFA — PWMA Slow/Fast Select
0 = PWMA period is 256 PWMCNT increments long.
1 = PWMA period is 32768 PWMCNT increments long.
SFB — PWMB Slow/Fast Select
0 = PWMB period is 256 PWMCNT increments long.
1 = PWMB period is 32768 PWMCNT increments long.
The following table shows the effects of SF settings on PWM frequency for a 16.78-MHz system clock
and a 20.97-MHz system clock.
F1A — Force Logic Level One on PWMA
0 = Force logic level zero output on PWMA pin
1 = Force logic level one output on PWMA pin
PPR[2:0]
System Clock
Divide-By Factor
000
2
001
4
010
8
011
16
100
32
101
64
110
128
111
PCLK
PPR[2:0]
Prescaler Tap
SFA/B = 0
SFA/B = 1
16.78 MHz
20.97 MHz
16.78 MHz
20.97 MHz
16.78 MHz
20.97 MHz
000
Div 2 = 8.39 MHz
Div 2 = 10.5 MHz
32.8 kHz
41 kHz
256 Hz
320 Hz
001
Div 4 = 4.19 MHz
Div 4 = 5.25 MHz
16.4 kHz
20.5 kHz
128 Hz
160 Hz
010
Div 8 = 2.10 MHz
Div 8 = 2.62 MHz
8.19 kHz
10.2 kHz
64.0 Hz
80.0 Hz
011
Div 16 = 1.05 MHz
Div 16 = 1.31 MHz
4.09 kHz
5.15 kHz
32.0 Hz
40.0 Hz
100
Div 32 = 524 kHz
Div 32 = 655 kHz
2.05 kHz
2.56 kHz
16.0 Hz
20.0 Hz
101
Div 64 = 262 kHz
Div 64 = 328 kHz
1.02 kHz
1.28 kHz
8.0 Hz
10.0 Hz
110
Div 128 = 131 kHz
Div 128 = 164 kHz
512 Hz
641 Hz
4.0 Hz
5.0 Hz
111
PCLK
PCLK
PCLK/256
PCLK/256
PCLK/32768
PCLK/32768
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com