Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331MFC16 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MC68331MFC16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC16 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC16 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 59Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 60Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 61Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
MC68331TS/D
61
SPCR2 contains QSPI configuration parameters. The CPU can read and write this register; the QSM
has read access only. Writes to SPCR2 are buffered. A write to SPCR2 that changes a bit value while
the QSPI is operating is ineffective on the current serial transfer, but becomes effective on the next se-
rial transfer. Reads of SPCR2 return the current value of the register, not of the buffer.
SPIFIE — SPI Finished Interrupt Enable
0 = QSPI interrupts disabled
1 = QSPI interrupts enabled
SPIFIE enables the QSPI to generate a CPU interrupt upon assertion of the status flag SPIF.
WREN — Wrap Enable
0 = Wraparound mode disabled
1 = Wraparound mode enabled
WREN enables or disables wraparound mode.
WRTO — Wrap To
When wraparound mode is enabled, after the end of queue has been reached, WRTO determines
which address the QSPI executes.
Bit 12 — Not Implemented
ENDQP — Ending Queue Pointer
This field contains the last QSPI queue address.
Bits [7:4] — Not Implemented
NEWQP — New Queue Pointer Value
This field contains the first QSPI queue address.
SPCR3 contains QSPI configuration parameters. The CPU can read and write SPCR3, but the QSM
has read-only access.
Bits [15:11] — Not Implemented
LOOPQ — QSPI Loop Mode
0 = Feedback path disabled
1 = Feedback path enabled
LOOPQ controls feedback on the data serializer for testing.
HMIE — HALTA and MODF Interrupt Enable
0 = HALTA and MODF interrupts disabled
1 = HALTA and MODF interrupts enabled
HMIE controls CPU interrupts caused by the HALTA status flag or the MODF status flag in SPSR.
SPCR2 — QSPI Control Register 2
$YFFC1C
15
14
13
12
11
8
7
6
5
4
3
0
SPIFIE
WREN
WRTO
0
ENDQP
0
0
0
0
NEWQP
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SPCR3 — QSPI Control Register 3
$YFFC1E
15
14
13
12
11
10
9
8
7
0
0
0
0
0
0
LOOPQ
HMIE
HALT
SPSR
RESET:
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com