Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF2GSSEL Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AF2GSSEL
Description  ATP Industrial Grade SlimSATA Embedded Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF2GSSEL Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AF2GSSEL Datasheet HTML 6Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 7Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 8Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 9Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 10Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 11Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 12Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 13Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Version 2.0
ATP Industrial Grade SlimSATA Embedded Module Specification
2.6 MTBF
Table 2-9
Type
Value
MTBF (@ 25
oC) 1
2GB: 1,090,000 hours
4GB: 1,080,000 hours
8GB: 1,060,000 hours
16GB: 1,030,000 hours
32GB: 1,000,000 hours
Notes:
The Mean Time Between Failures (MTBF) is calculated using a prediction methodology, Telcordia SR-332, which
based on reliability data of the individual components in the SlimSATA embedded module. It assumes nominal voltage, with
all other parameters within specified range.
2.7 Write/Erase Endurance
Table 2-10
Type
Value
Endurance Technology
Enhanced Global Wear Leveling algorithm
SLC flash block: 100,000 program/erase cycles
SlimSATA Endurance
2GB:
80 terabyte random write
4GB:
160 terabyte random write
8GB:
320 terabyte random write
16GB:
640 terabyte random write
32GB: 1,280 terabyte random write
Note:
Endurance for the SlimSATA can be predicted based on the usage conditions applied to the device, the internal NAND
component cycles, the write amplification factor, and the wear leveling efficiency of the drive.
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
10
ATP Confidential &Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com