Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF2GSSEL Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AF2GSSEL
Description  ATP Industrial Grade SlimSATA Embedded Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF2GSSEL Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AF2GSSEL Datasheet HTML 3Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 4Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 5Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 6Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 7Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 8Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 9Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 10Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Version 2.0
ATP Industrial Grade SlimSATA Embedded Module Specification
2.3 Block Diagram
ATP Industrial Grade SlimSATA Embedded Module consists of below functional blocks.
The
advanced architecture is optimized to provide highest data reliability and transfer performance.
Figure 2
Voltage
Regulator (5V to
3.3V/ 1.8V)
SATA II
controller
SATA
Host
Device
High
Performance
Processor
Core
SRAM
ROM
ECC Engine
Flash
Controller
SLC
NAND Flash
Memory
ATP SATA Embedded Module
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
7
ATP Confidential &Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com