Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF2GSSEL Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AF2GSSEL
Description  ATP Industrial Grade SlimSATA Embedded Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF2GSSEL Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AF2GSSEL Datasheet HTML 9Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 10Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 11Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 12Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 13Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 14Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 15Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 16Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Version 2.0
ATP Industrial Grade SlimSATA Embedded Module Specification
3.2 Pin Assignments
There are total of 7 pins in the signal segment and 15 pins in the power segment. The pin
definitions are shown in Table 3-1
Table 3-1
Group
Pin No.
1
Function
Description
Signal
Segment
S1
GND
Ground
S2
A+
Differential signal pair A
S3
A-
S4
GND
Ground
S5
B-
Differential signal pair B
S6
B+
S7
GND
Ground
Key & Spacing
Power
Segment
P1
NC/V33
3.3V power (Not used)
P2
NC/V33
3.3V power (Not used)
P3
NC/V33
3.3V power (Not used)
P4
GND
Ground
P5
GND
Ground
P6
GND
Ground
P7
V5
5V power, pre-charge
P8
V5
5V power
P9
V5
5V power
P10
GND
Ground
P11
DAS
Device Activity Signal
P12
GND
Ground
P13
NC/V12
12V power (Not used)
P14
NC/V12
12V power (Not used)
P15
NC/V12
12V power (Not used)
Notes:
1. All pins are in a single row, with a 1.27 mm (0.050”) pitch.
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
13
ATP Confidential &Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com