Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF2GSSEL Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AF2GSSEL
Description  ATP Industrial Grade SlimSATA Embedded Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF2GSSEL Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AF2GSSEL Datasheet HTML 1Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 2Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 3Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 4Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 5Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 6Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 7Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 8Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Version 2.0
ATP Industrial Grade SlimSATA Embedded Module Specification
1 Introduction
1.1 Product Overview
The ATP Industrial Grade SlimSATA Embedded Module is a high performance and high capacity mass
storage solution in Slim form factor. Utilizing SLC (Single Level Cell) NAND flash components
provides outstanding performance and proven reliability for products operating.
ATP Industrial Grade SlimSATA Embedded Module is perfect for in thin devices, especially
networking, thin clients and embedded appliance and also suit for industrial applications such as
transportation, industrial PC, healthcare, telecommunications, and other harsh environments where data
integrity and consistent performance is mission critical.
1.2 Main Features
 Capacities: 2GB to 32GB
 SLC NAND flash memory
 Operating temperature: -40℃ to 85℃
 Power consumption on idle mode is 0.4W/Operational mode is 1.3W
 Maximum performance: Sequential read up to 112MB/s, sequential write up to 91MB/s
 JEDEC standard: MO-297A (SlimSATA) compliant
 Slim form factor for design in thin devices, especially networking, thin clients and embedded
appliance.
 Extensive application for storage
 Standard 7 + 15 pin SATA interface as the SSD I/O, can be a small density SSD replacement
 Compliant with Serial ATA Revision 2.6.
 Support PIO mode 0~4, MDMA mode 0~2,UDMA mode 0~6
 Compatible with SATA 1.5Gbps and SATA 3.0Gbps interface rates
 SMART function support by ATA CMD
 ATP SMART tool for Windows 2000/XP/Vista/7 and Linux.
 Support TRIM command, Off-line TRIM utility available for Windows XP/2000/2003/Vista/7
 Enhanced endurance by Global wear-leveling
 Power Protector, data integrity protection during abnormal power outage.
 Data integrity under power-cycling
 RoHS compliant
 CE, FCC certification
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
5
ATP Confidential &Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com