Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF2GSSEL Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AF2GSSEL
Description  ATP Industrial Grade SlimSATA Embedded Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF2GSSEL Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AF2GSSEL Datasheet HTML 12Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 13Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 14Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 15Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 16Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 17Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 18Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 19Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Version 2.0
ATP Industrial Grade SlimSATA Embedded Module Specification
362
V
Off-line data collection status
Byte
F/V
Description
363
X
Self-test execution status byte
364~365
V
Total time in seconds to complete off-line data collection activity
366
X
Vendor Specific
367
F
Off-line data collection capability
368~369
F
SMART capability
370
F
Error logging capability:7-1
Reserved
0 -1 = Device error logging supported
371
X
Vendor Specific
372
F
Short self-test routine recommended polling time(in minutes)
373
F
Extended self-test routine recommended polling time(in minutes)
374
F
Conveyance self-test routine recommended polling time(in minutes)
375~385
R
Reserved
386~395
F
Firmware Version/Date Code
396~397
F
Number of initial invalid block (396=MSB, 397=LSB)
398~399
V
Number of run time bad block (398=MSB, 399=LSB)
400~406
F
SMI2242
407~415
X
Vendor specific
416
F
Reserved
417
F
Program/write the strong page only
418~419
V
Number of spare block
420
F
Reserved
421~423
V
Average erase count
424~425
V
Number of child pair
426~428
V
Maximum erase count
429~431
V
Minimum erase count
432~445
F
Reserved
446~510
X
Vendor specific
511
V
Data structure checksum
Notes:
F=content (byte) is fixed and does not change
V=content (byte) is variable and maybe change depending on the state of the device or the command executed by the device
X= content (byte) is vendor specific and maybe fixed or variable
R=content (byte) is reserved and shall be zero
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
18
ATP Confidential &Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com