Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF2GSSEL Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AF2GSSEL
Description  ATP Industrial Grade SlimSATA Embedded Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF2GSSEL Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AF2GSSEL Datasheet HTML 4Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 5Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 6Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 7Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 8Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 9Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 10Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 11Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Version 2.0
ATP Industrial Grade SlimSATA Embedded Module Specification
Performance
2.3.1 IOPS
Table 2-2
Type
Value
Random Read IOPS
2
4KB Random Read: 2,250 IOPS
Notes: IOPS: Input/Output Operations per Second
2.3.2 Read/Write Performance
Table 2-3
Type
Value
Host Interface Speed
SATA 1.5Gb/s and SATA 3.0 Gb/s
Data Transfer Rate
1
Sequential Read: up to 112MB/s
Sequential Write: up to 91MB/s
Notes: The performance may vary according to different product capacity.
2.4 Electrical Characteristics
2.4.1 Supply Voltage
Table 2-4
Parameter
Symbol
Min
Typ
Max
Unit
Remark
Supply voltage
VCC
4.75
5.0
5.25
V
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
8
ATP Confidential &Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com