Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8260EC Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC8260EC
Description  PowerQUICC II Integrated Communications Processor Hardware Specifications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8260EC Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC8260EC Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
MPC8260 PowerQUICC II Integrated Communications Processor Hardware Specifications, Rev. 2
36
Freescale Semiconductor
Pinout
Symbols used in Table 14 are described in Table 15.
VCCSYN1
B9
GNDSYN
AB1
SPARE13
AE11
SPARE43
U5
SPARE54
AF25
SPARE63
V4
THERMAL05
AA1
THERMAL15
AG4
I/O power
AG21, AG14, AG8, AJ1, AJ2, AH1,
AH2, AG3, AF4, AE5, AC27, Y27,
T27, P27, K26, G27, AE25, AF26,
AG27, AH28, AH29, AJ28, AJ29, C7,
C14, C16, C20, C23, E10, A28, A29,
B28, B29, C27, D26, E25, H3, M4,
T3, AA4, A1, A2, B1, B2, C3, D4, E5
Core Power
U28, U29, K28, K29, A9, A19, B19,
M1, M2, Y1, Y2, AC1, AC2, AH19,
AJ19, AH10, AJ10, AJ5
Ground
AA5, AF21, AF14, AF8, AE7, AF11,
AE17, AE23, AC26, AB25, Y26, V25,
T26, R25, P26, M25, K27, H25, G26,
D7, D10, D14, D16, D20, D23, C9,
E11, E13, E15, E19, E22, B3, G5,
H4, K5, M3, P5, T4, Y5, AA2, AC3
Note:
1 Only on Rev C.2 silicon.
2 The default configuration of the CPM pins (PA[0–31], PB[4–31], PC[0–31], PD[4–31]) is input. To prevent excessive DC current,
it is recommended to either pull unused pins to GND or VDDH, or to configure them as outputs.
3 Must be pulled down or left floating.
4 Must be pulled down or left floating. However, if compatibility with HiP4 silicon is required, this pin must be pulled up or left
floating.
5 For information on how to use this pin, refer to MPC8260 PowerQUICC II Thermal Resistor Guide available at
www.freescale.com.
Table 15. Symbol Legend
Symbol
Meaning
OVERBAR
Signals with overbars, such as TA, are active low
UTM
Indicates that a signal is part of the UTOPIA master interface
Table 14. Pinout List (continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com