Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8260EC Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8260EC
Description  PowerQUICC II Integrated Communications Processor Hardware Specifications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8260EC Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8260EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
MPC8260 PowerQUICC II Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
13
Electrical and Thermal Characteristics
Note that although the specifications generally reference the rising edge of the clock, the following AC
timing diagrams also apply when the falling edge is the active edge.
Table 8. AC Characteristics for CPM Inputs1
1 Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN. Timings are
measured at the pin.
Spec Number
Characteristic
Setup (ns)
Hold (ns)
Setup
Hold
66 MHz
66 MHz
sp16a
sp17a
FCC inputs—internal clock (NMSI)
10
0
sp16b
sp17b
FCC inputs—external clock (NMSI)
3
3
sp20
sp21
TDM inputs/SI
15
12
sp18a
sp19a
SCC/SMC/SPI/I2C inputs—internal clock (NMSI)
20
0
sp18b
sp19b
SCC/SMC/SPI/I2C inputs—external clock (NMSI)
5
5
sp22
sp23
PIO/TIMER/IDMA inputs
10
3
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com