Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8260EC Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC8260EC
Description  PowerQUICC II Integrated Communications Processor Hardware Specifications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8260EC Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8260EC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 41Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
MPC8260 PowerQUICC II Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
39
Ordering Information
6
Ordering Information
Figure 16 provides an example of the Freescale part numbering nomenclature for the MPC8260. In
addition to the processor frequency, the part numbering scheme also consists of a part modifier that
indicates any enhancement(s) in the part from the original production design. Each part number also
contains a revision code that refers to the die mask revision number and is specified in the part numbering
scheme for identification purposes only. For more information, contact your local Freescale sales office.
Figure 16. Freescale Part Number Key
7
Document Revision History
Table 17 lists significant changes in each revision of this document.
Table 17. Document Revision History
Rev.
Number
Date
Substantive Change(s)
2
05/2010
Added a note about rise/fall time on CPM input pins above Table 8, “AC Characteristics for CPM Inputs.”
1.3
9/2005
• Document template update.
1.2
8/2003
• Note: In revision 0.7, sp30 (Table 10) was changed. This change was not previously recorded in this
“Document Revision History” Table.
• Addition of MPC8255 description to Section 1, “Features”
• Addition of Figure 2
• Addition of VCCSYN to “Note: Core, PLL, and I/O Supply Voltages” following Table 2
• Addition of note 1 to Table 3
• Addition of notes or modifications to Figure 3 through Figure 8
• Addition of reference notes 4, 5, and 6 to Table 13
• Addition of note 2 to Table 14
• Addition of SPICLK to PC19 in Table 14. It is documented correctly in the
MPC8260 PowerQUICC
II™ Family Reference Manual but had previously been omitted from Table 14.
1.1
5/2002
• Section 1, “Features”: updated minimum supported core frequency to 133 MHz
• Addition of “Note” at bottom of page 5.
• Table 13: Note 3.
Product Code
Device Number
Package
(ZU = 480 TBGA)
Core Voltage
Processor Frequency
Die Revision Level
MPC 82XX C ZU XXX
(CPU/CPM/Bus)
X
(Nn = Major.minor)
XX
Temperature Range
Blank = 0 to 105 °C
C = -40 to 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com