Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8260EC Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC8260EC
Description  PowerQUICC II Integrated Communications Processor Hardware Specifications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8260EC Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC8260EC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 41Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
MPC8260 PowerQUICC II Integrated Communications Processor Hardware Specifications, Rev. 2
40
Freescale Semiconductor
Document Revision History
1.0
3/2002
• Table 14: modified notes to pins AE11 and AF25.
• Table 14: added note to pins AA1 and AG4 (Therm0 and Therm1).
0.9
2/2002
• Table 14: additional note added to AE11
0.8
2/2002
• Table 7, Table 8, Table 9, and Table 10: revision 0.7 of this document incorrectly included values for
83 MHz. 83 MHz is not supported on the MPC8260.
• Table 14: notes added to pins at AE11, AF25, U5, and V4.
0.7
11/2001
• Revision of Table 5, “Power Dissipation”
• Modifications to Figure 9, Table 2,Table 10, Table 11
• Additional revisions to text and figures throughout
0.6
5/2001
Corrected the thermal values in Table 3, “Thermal Characteristics.”
0.2–0.5
—
Temporary revisions
0.1
1/2000
—
0
—
Initial version
Table 17. Document Revision History (continued)
Rev.
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com