Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8260EC Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC8260EC
Description  PowerQUICC II Integrated Communications Processor Hardware Specifications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8260EC Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC8260EC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 41Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
MPC8260 PowerQUICC II Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
37
Package Description
5
Package Description
The following sections provide the package parameters and mechanical dimensions for the MPC8260.
5.1
Package Parameters
Package parameters are provided in Table 16. The package type is a 37.5
× 37.5 mm, 480-lead TBGA.
UTS
Indicates that a signal is part of the UTOPIA slave interface
UT8
Indicates that a signal is part of the 8-bit UTOPIA interface
UT16
Indicates that a signal is part of the 16-bit UTOPIA interface
MII
Indicates that a signal is part of the media independent interface
Table 16. Package Parameters
Parameter
Value
Package Outline
37.5 x 37.5 mm
Interconnects
480 (29 x 29 ball array)
Pitch
1.27 mm
Nominal unmounted package height 1.55 mm
Table 15. Symbol Legend (continued)
Symbol
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com