Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8260EC Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8260EC
Description  PowerQUICC II Integrated Communications Processor Hardware Specifications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8260EC Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8260EC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
MPC8260 PowerQUICC II Integrated Communications Processor Hardware Specifications, Rev. 2
2
Freescale Semiconductor
Features
Figure 1 shows the block diagram for the MPC8260.
Figure 1. MPC8260 Block Diagram
1
Features
The major features of the MPC8260 are as follows:
Dual-issue integer core
— A core version of the EC603e microprocessor
— System core microprocessor supporting frequencies of 133–200 MHz (150–200 MHz for the
MPC8255)
— Separate 16-Kbyte data and instruction caches:
– Four-way set associative
– Physically addressed
– LRU replacement algorithm
— PowerPC architecture-compliant memory management unit (MMU)
16 Kbytes
G2 Core
I-Cache
I-MMU
16 Kbytes
D-Cache
D-MMU
Communication Processor Module (CPM)
Timers
Parallel I/O
Baud Rate
Generators
24 Kbytes
32-bit RISC Microcontroller
and Program ROM
Serial
DMAs
2 Virtual
IDMAs
Bridge
Memory Controller
Clock Counter
System Functions
System Interface Unit
(SIU)
Local Bus
32 bits, up to 66 MHz
MCC11
MCC2
FCC1
FCC2
FCC31
SCC1
SCC2
SCC3
SCC4
SMC1
SMC2
SPI
I2C
Serial Interface
3 MII
2 UTOPIA
Ports
Ports
3
60x Bus
Dual-Port RAM
Interrupt
Controller
Time Slot Assigner
8 TDM Ports2
Non-Multiplexed
I/O
60x-to-Local
Bus Interface Unit
Notes:
1 Not on MPC8255
2 4 on the MPC8255
3 2 on the MPC8255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com