Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLHC Datasheet(PDF) 12 Page - STMicroelectronics

Part # LSM303DLHC
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHC Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LSM303DLHC Datasheet HTML 8Page - STMicroelectronics LSM303DLHC Datasheet HTML 9Page - STMicroelectronics LSM303DLHC Datasheet HTML 10Page - STMicroelectronics LSM303DLHC Datasheet HTML 11Page - STMicroelectronics LSM303DLHC Datasheet HTML 12Page - STMicroelectronics LSM303DLHC Datasheet HTML 13Page - STMicroelectronics LSM303DLHC Datasheet HTML 14Page - STMicroelectronics LSM303DLHC Datasheet HTML 15Page - STMicroelectronics LSM303DLHC Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Module specifications
LSM303DLHC
12/42
Doc ID 018771 Rev 1
2.4
Communication interfaces characteristics
External pull-up resistors are required to support I2C standard and fast speed modes.
2.4.1
Sensor I2C - inter IC control interface
Subject to general operating conditions for Vdd and Top.
Figure 3.
I2C slave timing diagram (c)
Table 6.
I2C slave timing values
Symbol
Parameter
I2C standard mode (1)
I2C fast mode (1)
Unit
Min.
Max.
Min.
Max.
f(SCL)
SCL clock frequency
0
100
0
400
KHz
tw(SCLL)
SCL clock low time
4.7
1.3
µs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0.01
3.45
0.01
0.9
µs
tr(SDA) tr(SCL)
SDA and SCL rise time
1000
20 + 0.1Cb
(2)
300
ns
tf(SDA) tf(SCL)
SDA and SCL fall time
300
20 + 0.1Cb
(2)
300
th(ST)
START condition hold time
4
0.6
µs
tsu(SR)
Repeated START condition
setup time
4.7
0.6
tsu(SP)
STOP condition setup time
4
0.6
tw(SP:SR)
Bus free time between STOP
and START condition
4.7
1.3
1.
Data based on standard I2C protocol requirement, not tested in production.
2.
Cb = total capacitance of one bus line, in pF.
SDA
SCL
tf(SDA)
tsu(SP)
tw(SCLL)
tsu(SDA)
tr(SDA)
tsu(SR)
th(ST)
tw(SCLH)
th(SDA)
tr(SCL)
tf(SCL)
tw(SP:SR)
START
REPEATED
START
STOP
START
AM09238V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com