Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLHC Datasheet(PDF) 38 Page - STMicroelectronics

Part # LSM303DLHC
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHC Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LSM303DLHC Datasheet HTML 34Page - STMicroelectronics LSM303DLHC Datasheet HTML 35Page - STMicroelectronics LSM303DLHC Datasheet HTML 36Page - STMicroelectronics LSM303DLHC Datasheet HTML 37Page - STMicroelectronics LSM303DLHC Datasheet HTML 38Page - STMicroelectronics LSM303DLHC Datasheet HTML 39Page - STMicroelectronics LSM303DLHC Datasheet HTML 40Page - STMicroelectronics LSM303DLHC Datasheet HTML 41Page - STMicroelectronics LSM303DLHC Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Register description
LSM303DLHC
38/42
Doc ID 018771 Rev 1
7.2.4
OUT_X_H_M (03), OUT_X_LH_M (04h)
X-axis magnetic field data. The value is expressed as 2’s complement.
7.2.5
OUT_Z_H_M (05), OUT_Z_L_M (06h)
Z-axis magnetic field data. The value is expressed as 2’s complement.
7.2.6
OUT_Y_H_M (07), OUT_Y_L_M (08h)
Y-axis magnetic field data. The value is expressed as 2’s complement.
7.2.7
SR_REG_M (09h)
7.2.8
IR_REG_M (0Ah/0Bh/0Ch)
Table 78.
Magnetic sensor operating mode
MD1
MD0
Mode
0
0
Continuous-conversion mode
0
1
Single-conversion mode
1
0
Sleep-mode. Device is placed in sleep-mode
1
1
Sleep-mode. Device is placed in sleep-mode
Table 79.
SR register
--
--
--
--
--
--
LOCK
DRDY
Table 80.
SR register description
LOCK
Data output register lock. Once a new set of measurements is available, this bit is
set when the first magnetic file data register has been read.
DRDY
Data ready bit. This bit is when a new set of measurements are available.
Table 81.
IRA_REG_M
0
100
10
00
Table 82.
IRB_REG_M
0
011
01
00
Table 83.
IRC_REG_M
0
011
00
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com