Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLHC Datasheet(PDF) 35 Page - STMicroelectronics

Part # LSM303DLHC
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHC Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LSM303DLHC Datasheet HTML 31Page - STMicroelectronics LSM303DLHC Datasheet HTML 32Page - STMicroelectronics LSM303DLHC Datasheet HTML 33Page - STMicroelectronics LSM303DLHC Datasheet HTML 34Page - STMicroelectronics LSM303DLHC Datasheet HTML 35Page - STMicroelectronics LSM303DLHC Datasheet HTML 36Page - STMicroelectronics LSM303DLHC Datasheet HTML 37Page - STMicroelectronics LSM303DLHC Datasheet HTML 38Page - STMicroelectronics LSM303DLHC Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
LSM303DLHC
Register description
Doc ID 018771 Rev 1
35/42
7.1.24
CLICK_THS_A (3Ah)
1 LSB = full-scale / 128. THS6 through THS0 define the threshold which is used by the
system to start the click detection procedure. The threshold value is expressed over 7 bits
as an unsigned number.
7.1.25
TIME_LIMIT_A (3Bh)
1 LSB = 1/ODR. TLI7 through TLI0 define the maximum time interval that can elapse
between the start of the click detection procedure (the acceleration on the selected channel
exceeds the programmed threshold) and when the acceleration goes back below the
threshold.
7.1.26
TIME_LATENCY_A (3Ch)
Z
Z CLICK-CLICK detection. Default value: 0
(0: no interrupt, 1: Z high event has occurred)
Y
Y CLICK-CLICK detection. Default value: 0
(0: no interrupt, 1: Y high event has occurred)
X
X CLICK-CLICK detection. Default value: 0
(0: no interrupt, 1: X high event has occurred)
Table 61.
CLICK_SRC_A description (continued)
Table 62.
CLICK_THS_A register
--
Ths6
Ths5
Ths4
Ths3
Ths2
Ths1
Ths0
Table 63.
CLICK_SRC_A description
Ths6-Ths0
CLICK-CLICK threshold. Default value: 000 0000
Table 64.
TIME_LIMIT_A register
--
TLI6
TLI5
TLI4
TLI3
TLI2
TLI1
TLI0
Table 65.
TIME_LIMIT_A description
TLI7-TLI0
CLICK-CLICK time limit. Default value: 000 0000
Table 66.
TIME_LATENCY_A register
TLA7
TLA6
TLA5
TLA4
TLA3
TLA2
TLA1
TLA0
Table 67.
TIME_LATENCY_A description
TLA7-TLA0
CLICK-CLICK time latency. Default value: 000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com