Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLHC Datasheet(PDF) 29 Page - STMicroelectronics

Part # LSM303DLHC
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHC Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LSM303DLHC Datasheet HTML 25Page - STMicroelectronics LSM303DLHC Datasheet HTML 26Page - STMicroelectronics LSM303DLHC Datasheet HTML 27Page - STMicroelectronics LSM303DLHC Datasheet HTML 28Page - STMicroelectronics LSM303DLHC Datasheet HTML 29Page - STMicroelectronics LSM303DLHC Datasheet HTML 30Page - STMicroelectronics LSM303DLHC Datasheet HTML 31Page - STMicroelectronics LSM303DLHC Datasheet HTML 32Page - STMicroelectronics LSM303DLHC Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
LSM303DLHC
Register description
Doc ID 018771 Rev 1
29/42
7.1.12
FIFO_CTRL_REG_A (2Eh)
7.1.13
FIFO_SRC_REG_A (2Fh)
7.1.14
INT1_CFG_A (30h)
Table 36.
REFERENCE_A register
FM1
FM0
TR
FTH4
FTH3
FTH2
FTH1
FTH0
Table 37.
REFERENCE_A register description
FM1-FM0
FIFO mode selection. Default value: 00 (see
Table 38)
TR
Trigger selection. Default value: 0
0: trigger event linked to trigger signal on INT1
1: trigger event linked to trigger signal on INT2
FTH4:0
Default value: 0
Table 38.
FIFO mode configuration
FM1
FM0
FIFO mode configuration
0
0
Bypass mode
0
1
FIFO mode
1
0
Stream mode
1
1
Trigger mode
Table 39.
FIFO_SRC_A register
WTM
OVRN_FIFO
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
Table 40.
INT1_CFG_A register
AOI
6D
ZHIE/
ZUPE
ZLIE/
ZDOWNE
YHIE/
YUPE
YLIE/
YDOWNE
XHIE/
XUPE
XLIE/
XDOWNE
Table 41.
INT1_CFG_A description
AOI
AND/OR combination of interrupt events. Default value: 0 (refer to
Table 42)
6D
6-direction detection function enabled. Default value: 0 (refer to
Table 42)
ZHIE/
ZUPE
Enable interrupt generation on Z high event or on direction recognition. Default
value: 0 (0: disable interrupt request, 1: enable interrupt request)
ZLIE/
ZDOWNE
Enable interrupt generation on Z low event or on direction recognition. Default
value: 0 (0: disable interrupt request, 1: enable interrupt request)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com