Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLHC Datasheet(PDF) 16 Page - STMicroelectronics

Part # LSM303DLHC
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHC Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LSM303DLHC Datasheet HTML 12Page - STMicroelectronics LSM303DLHC Datasheet HTML 13Page - STMicroelectronics LSM303DLHC Datasheet HTML 14Page - STMicroelectronics LSM303DLHC Datasheet HTML 15Page - STMicroelectronics LSM303DLHC Datasheet HTML 16Page - STMicroelectronics LSM303DLHC Datasheet HTML 17Page - STMicroelectronics LSM303DLHC Datasheet HTML 18Page - STMicroelectronics LSM303DLHC Datasheet HTML 19Page - STMicroelectronics LSM303DLHC Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Application hints
LSM303DLHC
16/42
Doc ID 018771 Rev 1
4
Application hints
Figure 4.
LSM303DLHC electrical connection
4.1
capacitors
The C1 and C2 external capacitors should be low SR value ceramic type constructions (typ.
suggested value 200 mOhm). Reservoir capacitor C1 is nominally 4.7 µF in capacitance,
with the set/reset capacitor C2 nominally 0.22
µF in capacitance.
The device core is supplied through the Vdd line. Power supply decoupling capacitors
(C4=100 nF ceramic, C3=10 µF Al) should be placed as near as possible to the supply pin
of the device (common design practice). All the voltage and ground supplies must be
present at the same time to have proper behavior of the IC (refer to
Figure 4).
The functionality of the device and the measured acceleration/magnetic field data is
selectable and accessible through the I2C interface.
The functions, the threshold, and the timing of the two interrupt pins (INT 1 and INT 2) can
be completely programmed by the user through the I2C interface.
4.2
Pull-up resistors
Pull-up resistors (suggested value 10 kOhm) are placed on the two I2C bus lines.
TOP VIEW
Vdd_IO
6
1
C1=4.7uF
GND
8
13
C2=0.22uF
Vdd
C4 = 100nF
C3 = 10uF
Digital signal from/to signal controller.Signals levels are defined by proper selection of Vdd
Vdd I2C bus
Rpu
Rpu
10kOhm
10kOhm
1
13
8
6
TOP VIEW
X
Z
Y
1
13
8
6
TOP VIEW
X
Z
Y
AM09239V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com