Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLHC Datasheet(PDF) 28 Page - STMicroelectronics

Part # LSM303DLHC
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHC Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LSM303DLHC Datasheet HTML 24Page - STMicroelectronics LSM303DLHC Datasheet HTML 25Page - STMicroelectronics LSM303DLHC Datasheet HTML 26Page - STMicroelectronics LSM303DLHC Datasheet HTML 27Page - STMicroelectronics LSM303DLHC Datasheet HTML 28Page - STMicroelectronics LSM303DLHC Datasheet HTML 29Page - STMicroelectronics LSM303DLHC Datasheet HTML 30Page - STMicroelectronics LSM303DLHC Datasheet HTML 31Page - STMicroelectronics LSM303DLHC Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Register description
LSM303DLHC
28/42
Doc ID 018771 Rev 1
7.1.8
STATUS_REG_A (27h)
7.1.9
OUT_X_L_A (28h), OUT_X_H_A (29h)
X-axis acceleration data. The value is expressed in 2’s complement.
7.1.10
OUT_Y_L_A (2Ah), OUT_Y_H_A (2Bh)
Y-axis acceleration data. The value is expressed in 2’s complement.
7.1.11
OUT_Z_L_A (2Ch), OUT_Z_H_A (2Dh)
Z-axis acceleration data. The value is expressed in 2’s complement.
Table 33.
REFERENCE_A register description
Ref 7-Ref0
Reference value for interrupt generation. Default value: 0
Table 34.
STATUS_A register
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
Table 35.
STATUS_A register description
ZYXOR
X, Y, and Z axis data overrun. Default value: 0
(0: no overrun has occurred, 1: a new set of data has overwritten the previous ones)
ZOR
Z axis data overrun. Default value: 0
(0: no overrun has occurred, 1: a new data for the Z-axis has overwritten the previous
one)
YOR
Y axis data overrun. Default value: 0
(0: no overrun has occurred,
1: a new data for the Y-axis has overwritten the previous one)
XOR
X axis data overrun. Default value: 0
(0: no overrun has occurred,
1: a new data for the X-axis has overwritten the previous one)
ZYXDA
X, Y, and Z axis new data available. Default value: 0
(0: a new set of data is not yet available, 1: a new set of data is available)
ZDA
Z axis new data available. Default value: 0
(0: a new data for the Z-axis is not yet available,
1: a new data for the Z-axis is available)
YDA
Y axis new data available. Default value: 0
(0: a new data for the Y-axis is not yet available,
1: a new data for the Y-axis is available)
XDA
X axis new data available. Default value: 0
(0: a new data for the X-axis is not yet available,
1: a new data for the X-axis is available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com