Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5418NETA+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5418NETA+
Description  256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5418NETA+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5418NETA+ Datasheet HTML 3Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 4Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 9Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 10Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
_______________________________________________________________________________________
7
-0.2
-0.1
0
0.1
0.2
0.3
-0.3
DNL vs. TAP POSITION
(MAX5419)
TAP POSITION
224
192
32
64
96
128 160
0
256
VARIABLE-RESISTOR MODE
VDD = 2.7V
ISRC = 10
µA
MIDSCALE WIPER RESPONSE vs. FREQUENCY
(MAX5417)
FREQUENCY (kHz)
100
10
-25
-20
-10
-15
-5
MAX5417
TAP = 128
CL = 50pF
CL = 10pF
0
-30
1
1000
MIDSCALE WIPER RESPONSE vs. FREQUENCY
(MAX5418)
FREQUENCY (kHz)
100
10
-25
-20
-10
-15
-5
MAX5418
TAP = 128
CL = 50pF
CL = 10pF
0
-30
11000
MIDSCALE WIPER RESPONSE vs. FREQUENCY
(MAX5419)
FREQUENCY (kHz)
100
10
-40
-35
-30
-25
-20
-15
-10
-5
0
-45
1
1000
MAX5419
TAP = 128
CL = 10pF
CL = 50pF
TAP-TO-TAP SWITCHING TRANSIENT
(MAX5417)
MAX5417 toc19
W
10mV/div
SDA
2V/div
1
µs/div
MAX5417
CL = 10pF
FROM TAP 127
TO TAP 128
H = VDD
TAP-TO-TAP SWITCHING TRANSIENT
(MAX5418)
MAX5417 toc20
W
10mV/div
SDA
2V/div
1
µs/div
MAX5418
CL = 10pF
FROM TAP 127
TO TAP 128
H = VDD
TAP-TO-TAP SWITCHING TRANSIENT
(MAX5419)
MAX5417 toc21
W
10mV/div
SDA
2V/div
1
µs/div
MAX5419
CL = 10pF
FROM TAP 127
TO TAP 128
H = VDD
Typical Operating Characteristics (continued)
(VDD = +5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com