Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5418NETA+ Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5418NETA+
Description  256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5418NETA+ Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5418NETA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 9Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 10Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 11Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 12Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 13Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Adjustable Voltage Reference
Figure 12 shows the MAX5417/MAX5418/MAX5419 used
as the feedback resistors in multiple adjustable voltage-
reference applications. Independently adjust the output
voltage of the MAX6160 from 1.23V to VIN - 0.2V by
changing the wiper positions of the MAX5417/
MAX5418/MAX5419.
Offset Voltage and Gain Adjustment
Connect the high and low terminals of one potentiometer
of a MAX5417 between the NULL inputs of a MAX410
and the wiper to the op amp’s positive supply to nullify
the offset voltage over the operating temperature range.
Install the other potentiometer in the feedback path to
adjust the gain of the MAX410 (see Figure 13).
256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
______________________________________________________________________________________
13
W
H
L
MAX6160
MAX5417
MAX5418
MAX5419
+5V
GND
VIN
OUT
ADJ
V0 REF
Figure 12. Adjustable Voltage Reference
6
8
1
7
3
2
W
H
L
R1
5V
-5V
MAX410
4
MAX5417
MAX5418
MAX5419
Figure 13. Offset Voltage and Gain Adjustment Circuit
VOUT
R1
W
H
L
MAX5417
MAX5418
MAX5419
R2
VIN
R3
H
W
L
C
Figure 11. Programmable Filter
L
GND
A0
1
+
2
8
7
H
W
SCL
SDA
VDD
TDFN
TOP VIEW
3
4
6
5
MAX5417
MAX5418
MAX5419
Pin Configuration
Chip Information
PROCESS: BiCMOS
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in
the package code indicates RoHS status only. Package draw-
ings may show a different suffix character, but the drawing per-
tains to the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
8 TDFN-EP
T833-1
21-0137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com