Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5418NETA+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5418NETA+
Description  256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5418NETA+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5418NETA+ Datasheet HTML 4Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 9Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 10Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 11Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
8
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1VDD
Power-Supply Input. 2.7V to 5.25V voltage range. Bypass with a 0.1µF capacitor from VDD to GND.
2
SCL
I
2C-Interface Clock Input
3
SDA
I
2C-Interface Data Input
4A0
Address Input. Sets the A0 bit in the device ID address.
5
GND
Ground
6
L
Low Terminal
7
W
Wiper Terminal
8
H
High Terminal
—EP
Exposed Pad. Internally connected to GND. Connect to a large ground plane to maximize thermal
performance. Not intended as an electrical point.
tHD-STA
tSU-DAT
tHIGH
tR
tF
tHD-DAT
tHD-STA
S
Sr
A
tSU-STA
tLOW
tBUF
tSU-STO
PS
tR
tF
SCL
SDA
PARAMETERS ARE MEASURED FROM 30% TO 70%.
Detailed Description
The MAX5417/MAX5418/MAX5419 contain a resistor
array with 255 resistive elements. The MAX5417 has a
total end-to-end resistance of 50k
Ω, the MAX5418 has
an end-to-end resistance of 100k
Ω, and the MAX5419
has an end-to-end resistance of 200k
Ω. The
MAX5417/MAX5418/MAX5419 allow access to the high,
low, and wiper terminals for a standard voltage-divider
configuration. H, L, and W can be connected in any
desired configuration as long as their voltages fall
between GND and VDD.
A simple 2-wire I2C-compatible serial interface moves
the wiper among the 256 tap points. A nonvolatile mem-
ory stores the wiper position and recalls the stored wiper
position in the nonvolatile memory upon power-up. The
nonvolatile memory is guaranteed for 50 years for wiper
data retention and up to 200,000 wiper store cycles.
Figure 1. I2C Serial-Interface Timing Diagram
VDD
IOL = 3mA
IOH = 0mA
VOUT
400pF
SDA
Figure 2. Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com