Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5418NETA+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5418NETA+
Description  256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5418NETA+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5418NETA+ Datasheet HTML 1Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 2Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 3Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 4Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V, H = VDD, L = GND, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = +5V, TA = +25°C.)
DIGITAL INPUTS
VDD = 3.4V to 5.25V
2.4
Input High Voltage (Note 4)
VIH
VDD < 3.4V
0.7 x VDD
V
Input Low Voltage
VIL
VDD = 2.7V to 5.25V (Note 4)
0.8
V
Low-Level Output Voltage
VOL
3mA sink current
0.4
V
Input Leakage Current
ILEAK
±1
µA
Input Capacitance
5pF
DYNAMIC CHARACTERISTICS
MAX5417_
100
MAX5418_
50
Wiper -3dB Bandwidth (Note 5)
MAX5419_
25
kHz
NONVOLATILE MEMORY
Data Retention
TA = +85°C
50
Years
TA = +25°C
200,000
Endurance
TA = +85°C
50,000
Stores
POWER SUPPLY
Power-Supply Voltage
VDD
2.70
5.25
V
Standby Current
IDD
Digital inputs = VDD or GND,
TA = +25°C
0.5
1
µA
Programming Current
During nonvolatile write;
digital inputs = VDD or GND (Note 6)
200
400
µA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SECTION
MAX5417_
500
MAX5418_
600
Wiper Settling Time (Note 8)
tIL
MAX5419_
1000
ns
DIGITAL SECTION
SCL Clock Frequency
fSCL
400
kHz
Setup Time for START Condition
tSU-STA
0.6
µs
Hold Time for START Condition
tHD-STA
0.6
µs
CLK High Time
tHIGH
0.6
µs
CLK Low Time
tLOW
1.3
µs
TIMING CHARACTERISTICS
(VDD = +2.7V to +5.25V, H = VDD, L = GND, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = +5V, TA =
+25°C. See Figures 1 and 2.) (Note 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com