Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5418NETA+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5418NETA+
Description  256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5418NETA+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5418NETA+ Datasheet HTML 1Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 2Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 3Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 4Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
_______________________________________________________________________________________
5
WIPER TRANSIENT AT POWER-ON
MAX5417 toc04
W
1V/div
VDD
2V/div
4
µs/div
CL = 10pF
TAP = 128
H = VDD
END-TO-END RESISTANCE % CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
-40
85
DNL vs. TAP POSITION
TAP POSITION
224
192
160
128
96
64
32
-0.20
-0.15
-0.10
-0.05
0
0.10
0.20
0.05
0.15
0.25
-0.25
0
256
VOLTAGE-DIVIDER MODE
TAP POSITION
224
192
160
128
96
64
32
-0.20
-0.15
-0.10
-0.05
0
0.10
0.20
0.05
0.15
0.25
-0.25
0256
INL vs. TAP POSITION
VOLTAGE-DIVIDER MODE
WIPER RESISTANCE vs. TAP POSITION
TAP POSITION
224
192
160
128
96
64
32
100
200
300
400
500
600
700
0
0
256
VDD = 2.7V
ISRC = 50
µA
Typical Operating Characteristics
(VDD = +5V, TA = +25°C, unless otherwise noted.)
STANDBY SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.2
0.4
0.6
0.8
1.0
0
-40
85
WIPER RESISTANCE vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
100
200
300
400
500
600
700
0
-40
85
VDD = 2.7V
VDD = 3.0V
VDD = 4.5V
VDD = 5.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com