Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5418NETA+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5418NETA+
Description  256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5418NETA+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5418NETA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 9Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 10Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 11Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 12Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 13Page - Maxim Integrated Products MAX5418NETA+ Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
______________________________________________________________________________________
11
Message Format for Writing
A write to the MAX5417/MAX5418/MAX5419 consists of
the transmission of the device’s slave address with the
8th bit set to zero, followed by at least 1 byte of infor-
mation (Figure 7). The 1st byte of information is the
command byte. The bytes received after the command
byte are the data bytes. The 1st data byte goes into the
internal register of the MAX5417/MAX5418/MAX5419 as
selected by the command byte (Figure 8).
Command Byte
Use the command byte to select the source and desti-
nation of the wiper data (nonvolatile or volatile memory
registers) and swap data between nonvolatile and
volatile memory registers (see Table 2).
Command Descriptions
VREG: The data byte writes to the volatile memory reg-
ister and the wiper position updates with the data in the
volatile memory register.
NVREG: The data byte writes to the nonvolatile memo-
ry register. The wiper position is unchanged.
NVREGxVREG: Data transfers from the nonvolatile
memory register to the volatile memory register (wiper
position updates).
VREGxNVREG: Data transfers from the volatile memo-
ry register into the nonvolatile memory register.
A
0
SLAVE ADDRESS
CONTROL BYTE
DATA BYTE
ACKNOWLEDGE FROM
MAX5417/MAX5418/MAX5419
NOP/W
1 BYTE
ACKNOWLEDGE FROM
MAX5417/MAX5418/MAX5419
ACKNOWLEDGE FROM
MAX5417/MAX5418/MAX5419
D15
D14 D13 D12 D11 D10
D9
D8
D1
D0
D3
D2
D5
D4
D7
D6
HOW CONTROL BYTE AND DATA BYTE MAP INTO
MAX5417/MAX5418/MAX5419 REGISTERS
S
A
A
P
S
A
0
SLAVE ADDRESS
CONTROL BYTE
ACKNOWLEDGE FROM
MAX5417/MAX5418/MAX5419
NOP/W
ACKNOWLEDGE FROM
MAX5417/MAX5418/MAX5419
D15
D14
D13
D12
D11
D10
D9
D8
CONTROL BYTE IS STORED ON RECEIPT OF STOP CONDITION
AP
Figure 7. Command Byte Received
Figure 8. Command and Single Data Byte Received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com