Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830ASP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND830ASP
Description  DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830ASP Datasheet(HTML) 1 Page - STMicroelectronics

  VND830ASP Datasheet HTML 1Page - STMicroelectronics VND830ASP Datasheet HTML 2Page - STMicroelectronics VND830ASP Datasheet HTML 3Page - STMicroelectronics VND830ASP Datasheet HTML 4Page - STMicroelectronics VND830ASP Datasheet HTML 5Page - STMicroelectronics VND830ASP Datasheet HTML 6Page - STMicroelectronics VND830ASP Datasheet HTML 7Page - STMicroelectronics VND830ASP Datasheet HTML 8Page - STMicroelectronics VND830ASP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
®
November 2003
1/17
VND830ASP
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
(*) Per channel
s
DC SHORT CIRCUIT CURRENT: 6A
s
CMOS COMPATIBLE INPUTS
s
PROPORTIONAL LOAD CURRENT SENSE
s
UNDERVOLTAGE AND OVERVOLTAGE
SHUT-DOWN
s
OVERVOLTAGE CLAMP
s
THERMAL SHUT-DOWN
s
CURRENT LIMITATION
s
VERY LOW STAND-BY POWER DISSIPATION
s
PROTECTION AGAINST:
LOSS OF GROUND AND LOSS OF VCC
s
REVERSE BATTERY PROTECTION (**)
DESCRIPTION
The VND830ASP is a monolithic device made using
STMicroelectronics VIPower M0-3 technology. It
is intended for driving any kind of load with one
side connected to ground. Active VCC pin voltage
clamp protects the device against low energy
spikes (see ISO7637 transient compatibility table).
This device has two channels in high side
configuration; each channel has an analog sense
output on which the sensing current is proportional
(according to a known ratio) to the corresponding
load current. Built-in thermal shut-down and
outputs current limitation protect the chip from
over temperature and short circuit. Device turns off
in case of ground pin disconnection.
TYPE
RDS(on)
IOUT
VCC
VND830ASP
60 m
Ω (*)
6 A (*)
36 V (*)
1
10
PowerSO-10™
ORDER CODES
PACKAGE
TUBE
T&R
PowerSO-10™ VND830ASP VND830ASP13TR
LOGIC
UNDERVOLTAGE
OVERVOLTAGE
OVERTEMP. 1
OVERTEMP. 2
ILIM2
PwCLAMP 2
K
IOUT2
ILIM1
PwCLAMP 1
K
IOUT1
INPUT 1
INPUT 2
GND
VCC
OUTPUT 1
CURRENT
SENSE 1
OUTPUT 2
CURRENT
SENSE 2
DRIVER 2
DRIVER 1
VCC CLAMP
Ot1
Ot2
Ot1
Ot2
Vdslim1
Vdslim2
BLOCK DIAGRAM
(**) See application schematic at page 8


Similar Part No. - VND830ASP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND830ASP-E STMICROELECTRONICS-VND830ASP-E Datasheet
367Kb / 27P
Double channel high-side solid state relay
19-Sep-2013
VND830ASPTR-E STMICROELECTRONICS-VND830ASPTR-E Datasheet
367Kb / 27P
Double channel high-side solid state relay
19-Sep-2013
More results

Similar Description - VND830ASP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND600SP STMICROELECTRONICS-VND600SP Datasheet
195Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Jul-2004
VND920 STMICROELECTRONICS-VND920 Datasheet
324Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VND920P STMICROELECTRONICS-VND920P Datasheet
325Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Oct-2003
VND600PEP STMICROELECTRONICS-VND600PEP Datasheet
239Kb / 11P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Oct-2003
VND600 STMICROELECTRONICS-VND600 Datasheet
236Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Jul-2004
VND10B STMICROELECTRONICS-VND10B_04 Datasheet
213Kb / 13P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VND10B-11-E STMICROELECTRONICS-VND10B-11-E Datasheet
222Kb / 13P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VND830ASPTR-E STMICROELECTRONICS-VND830ASPTR-E Datasheet
367Kb / 27P
Double channel high-side solid state relay
19-Sep-2013
VND600P-E STMICROELECTRONICS-VND600P-E Datasheet
380Kb / 26P
Double channel high-side solid state relay
19-Sep-2013
VND920-E STMICROELECTRONICS-VND920-E Datasheet
228Kb / 19P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
October 2004 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com