Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830ASP Datasheet(PDF) 10 Page - STMicroelectronics

Part # VND830ASP
Description  DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830ASP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VND830ASP Datasheet HTML 6Page - STMicroelectronics VND830ASP Datasheet HTML 7Page - STMicroelectronics VND830ASP Datasheet HTML 8Page - STMicroelectronics VND830ASP Datasheet HTML 9Page - STMicroelectronics VND830ASP Datasheet HTML 10Page - STMicroelectronics VND830ASP Datasheet HTML 11Page - STMicroelectronics VND830ASP Datasheet HTML 12Page - STMicroelectronics VND830ASP Datasheet HTML 13Page - STMicroelectronics VND830ASP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10/17
VND830ASP
High Level Input Current
Input Clamp Voltage
Off State Output Current
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
1
1.5
2
2.5
3
3.5
4
4.5
5
Iih (uA)
Vin=3.25V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
6
6.2
6.4
6.6
6.8
7
7.2
7.4
7.6
7.8
8
Vicl (V)
Iin=1mA
Input High Level
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Vih (V)
Vcc=13V
Input Hysteresis Voltage
Input Low Level
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
Vil (V)
Vcc=13V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Vhyst (V)
Vcc=13V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
1
2
3
4
5
6
7
8
IL(off1) (uA)
Off state
Vcc=13V
Vin=Vout=0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com