Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830ASP Datasheet(PDF) 5 Page - STMicroelectronics

Part # VND830ASP
Description  DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830ASP Datasheet(HTML) 5 Page - STMicroelectronics

  VND830ASP Datasheet HTML 1Page - STMicroelectronics VND830ASP Datasheet HTML 2Page - STMicroelectronics VND830ASP Datasheet HTML 3Page - STMicroelectronics VND830ASP Datasheet HTML 4Page - STMicroelectronics VND830ASP Datasheet HTML 5Page - STMicroelectronics VND830ASP Datasheet HTML 6Page - STMicroelectronics VND830ASP Datasheet HTML 7Page - STMicroelectronics VND830ASP Datasheet HTML 8Page - STMicroelectronics VND830ASP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
VND830ASP
TRUTH TABLE (per channel)
ELECTRICAL TRANSIENT REQUIREMENTS
CONDITIONS
INPUT
OUTPUT
SENSE
Normal operation
L
H
L
H
0
Nominal
Overtemperature
L
H
L
L
0
VSENSEH
Undervoltage
L
H
L
L
0
0
Overvoltage
L
H
L
L
0
0
Short circuit to GND
L
H
H
L
L
L
0
(Tj<TTSD) 0
(Tj>TTSD) VSENSEH
Short circuit to VCC
L
H
H
H
0
< Nominal
Negative output voltage
clamp
LL
0
ISO T/R 7637/1
Test Pulse
TEST LEVELS
I
II
III
IV
Delays and
Impedance
1
-25 V
-50 V
-75 V
-100 V
2 ms 10
Ω
2
+25 V
+50 V
+75 V
+100 V
0.2 ms 10
Ω
3a
-25 V
-50 V
-100 V
-150 V
0.1
µs 50 Ω
3b
+25 V
+50 V
+75 V
+100 V
0.1
µs 50 Ω
4
-4 V
-5 V
-6 V
-7 V
100 ms, 0.01
Ω
5
+26.5 V
+46.5 V
+66.5 V
+86.5 V
400 ms, 2
Ω
ISO T/R 7637/1
Test Pulse
TEST LEVELS RESULTS
I
II
III
IV
1
CCC
C
2
CCC
C
3a
CCC
C
3b
CCC
C
4
CCC
C
5C
E
E
E
CLASS
CONTENTS
C
All functions of the device are performed as designed after exposure to disturbance.
E
One or more functions of the device is not performed as designed after exposure to disturbance
and cannot be returned to proper operation without replacing the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com